Electronic Components Datasheet Search
  English  ▼

X  

FTK8N80PD Datasheet(PDF) 8 Page - First Silicon Co., Ltd

Part # FTK8N80PD
Description  8.0 Amps, 800 Volts N-Channel MOS -FET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK8N80PD Datasheet(HTML) 8 Page - First Silicon Co., Ltd

  FTK8N80PD Datasheet HTML 1Page - First Silicon Co., Ltd FTK8N80PD Datasheet HTML 2Page - First Silicon Co., Ltd FTK8N80PD Datasheet HTML 3Page - First Silicon Co., Ltd FTK8N80PD Datasheet HTML 4Page - First Silicon Co., Ltd FTK8N80PD Datasheet HTML 5Page - First Silicon Co., Ltd FTK8N80PD Datasheet HTML 6Page - First Silicon Co., Ltd FTK8N80PD Datasheet HTML 7Page - First Silicon Co., Ltd FTK8N80PD Datasheet HTML 8Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
TEST CIRCUITS AND WAVEFORMS (Cont.)
VGS
D.U.T.
RG
10V
VDS
RL
VDD
VDS
90%
10%
VGS
tD(ON)
tR
tD(OFF)
tF
Pulse Width ≤ 1μs
Duty Factor ≤ 0 1%
Fig. 2A Switching Test Circuit
Fig. 2B Switching Waveforms
50kΩ
0 3
μF
DUT
VDS
Same Type
as D.U.T.
10V
0.2μF
12V
Charge
QGS
QGD
QG
VGS
3mA
VG
Fig. 3A Gate Charge Test Circuit
Fig. 3B Gate Charge Waveform
D.U.T.
RD
10V
VDS
L
VDD
tp
IAS
tp
Time
BVDSS
Fig. 4A Unclamped Inductive Switching Test Circuit
Fig. 4B Unclamped Inductive Switching Waveforms
2012. 07. 05
8/8
FTK8N80P/F/DD
Revision No : 0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com