Electronic Components Datasheet Search
  English  ▼

X  

5124 Datasheet(PDF) 13 Page - ON Semiconductor

Part # 5124
Description  Compact Intelligent Power Module (IPM) Motor Control Development Kit (MDK) 1 kW
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

5124 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button 5124 Datasheet HTML 9Page - ON Semiconductor 5124 Datasheet HTML 10Page - ON Semiconductor 5124 Datasheet HTML 11Page - ON Semiconductor 5124 Datasheet HTML 12Page - ON Semiconductor 5124 Datasheet HTML 13Page - ON Semiconductor 5124 Datasheet HTML 14Page - ON Semiconductor 5124 Datasheet HTML 15Page - ON Semiconductor 5124 Datasheet HTML 16Page - ON Semiconductor 5124 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
EVBUM2775/D
www.onsemi.com
13
IPM Stage
This
stage uses NFAQ1060L36T IPM for 3−phase motor
drives containing three−phase inverter, gate drivers for the
inverter and a thermistor. It uses ON Semiconductor
’s
Insulated Metal Substrate (IMS) Technology. Very
important function is over−current protection which is
deeply described in chapter – Current Measurement and
Over−Current Protection. Module also contains fault pin
which is keeping high level during normal state. Activation
of IPM stage (connection to 15 V DC power supply) is via
J1 (soldered pads). In the figure 15 is shown schematics of
IPM stage also with DC link voltage measurement (voltage
divider containing R46, R52, R53 and R55). Signals from
39 m
W shunt resistors are going to current measurement and
over−current protection circuits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com