Electronic Components Datasheet Search
  English  ▼

X  

5124 Datasheet(PDF) 24 Page - ON Semiconductor

Part # 5124
Description  Compact Intelligent Power Module (IPM) Motor Control Development Kit (MDK) 1 kW
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

5124 Datasheet(HTML) 24 Page - ON Semiconductor

Back Button 5124 Datasheet HTML 20Page - ON Semiconductor 5124 Datasheet HTML 21Page - ON Semiconductor 5124 Datasheet HTML 22Page - ON Semiconductor 5124 Datasheet HTML 23Page - ON Semiconductor 5124 Datasheet HTML 24Page - ON Semiconductor 5124 Datasheet HTML 25Page - ON Semiconductor 5124 Datasheet HTML 26Page - ON Semiconductor 5124 Datasheet HTML 27Page - ON Semiconductor 5124 Datasheet HTML 28Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
EVBUM2775/D
www.onsemi.com
24
Table 4. BILL OF MATERIALS OF THE UCB ADAPTER
No.
Quantity
Part number
Manufacturer
Comment
Designator
15.
J8
61000621821
Wurth Elektronik
61000621821
1
16.
J9
694106105102
Wurth Elektronik
694106105102
1
17.
JB1, JB2
10139781−121402LF
Amphenol
10139781−121402LF
2
18.
L1
22uH, 3A
Wurth Elektronik
7447714220
1
19.
R1, R6
0R
2
20.
R3
0R
1
21.
R4
270R
1
22.
R5
560R
1
23.
R7, R8
470R
2
24.
R45
22k
1
25.
R46
3k
1
26.
R47
56k
1
27.
U1
FAN8303MX
ON Semiconductor
FAN8303MX
1
28.
U2
NCP1117ST33T3G
ON Semiconductor
NCP51460SN33T1G
1
29.
U3
NCP1117ST50T3G
ON Semiconductor
NCP1117ST50T3G
1
30.
C1
10uF, 50V
Wurth Elektronik
885012108022
1
31.
C2, C11, C12
10uF, 10V
Wurth Elektronik
885012107010
3
32.
C3
100uF, 25V
Wurth Elektronik
865080449011
1
33.
C4, C5
100nF, 16V
Wurth Elektronik
885012206046
2
34.
C15, C21
10nF, 50V
Wurth Elektronik
885012206089
2
35.
C16
470nF, 50V
Wurth Elektronik
885012207102
1
36.
C19, C20
22uF, 10V
Wurth Elektronik
885012209006
2
37.
C23
470pF, 50V
Wurth Elektronik
885012006061
1
38.
D1, D2, D3, D4,
D5, D6, D7, D8,
D9, D10
BAT54S
ON Semiconductor
BAT54S
10
39.
D11, D12
MBR230LSFT1G
ON Semiconductor
MBR230LSFT1G
2
40.
D13
MBRS2040LT3G
ON Semiconductor
MBRS2040LT3G
1
41.
J1
61001011921
Wurth Elektronik
61001011921
1
42.
J2, J3, J5, J6, J7
61000811921
Wurth Elektronik
61000811921
5
43.
J4
61003621821
Wurth Elektronik
61003621821
1
44.
J8
61000621821
Wurth Elektronik
61000621821
1
45.
J9
694106105102
Wurth Elektronik
694106105102
1
46.
JB1, JB2
10139781−121402LF
Amphenol
10139781−121402LF
2
47.
L1
22uH, 3A
Wurth Elektronik
7447714220
1
48.
R1, R6
0R
2
49.
R3
0R
1
50.
R4
270R
1
51.
R5
560R
1
52.
R7, R8
470R
2
53.
R45
22k
1
54.
R46
3k
1
55.
R47
56k
1
56.
U1
FAN8303MX
ON Semiconductor
FAN8303MX
1
57.
U2
NCP1117ST33T3G
ON Semiconductor
NCP51460SN33T1G
1
58.
U3
NCP1117ST50T3G
ON Semiconductor
NCP1117ST50T3G
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com