Electronic Components Datasheet Search
  English  ▼

X  

RF224 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RF224
Description  A10 208 VAC, 20A, Feed-thru Relay Fixture Receiver
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RF224 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RF224 Datasheet HTML 1Page - List of Unclassifed Manufacturers RF224 Datasheet HTML 2Page - List of Unclassifed Manufacturers RF224 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
0539-01
3
RF224 Installation Instructions
P/D 112700
ADVANCEDCONTROLTECHNOLOGIES,INC.
Indianapolis, Indiana 46278
Supply Voltage
208 VAC, +/-10%, 60 Hz
Power Consumption
Less than 4.5W
Signal Input
120 KHz +/- 4 KHz, sensitive to 25 millivolts
Note: Receives only at 0O
Signal Output (Status)
6V peak to peak @ 5 ohms
Note: Transmits only at 150O
Maximum switching capacity
20 Amps or 5000 VA
Maximum switching voltage
305 VAC
c. To obtain the status of the relay (closed/ON or open/OFF), send a Status Request
command.
d. The RF224 will perform its line access algorithm at 0 degrees and at 150
degrees when it is responding to a Status Request if in polite mode.
e. The RF224 will monitor the 150 degree location for any collisions while it is
transmitting at 150 degrees, if in polite mode. Note that the RF224 only transmit at 150
degrees.
Using the transmitter, transmit the address and any programmed commands to ensure the module
controls the load in response to remote control.
4. Test for Signal Strength and Noise once again using appropriate PCC test equipment.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com