Electronic Components Datasheet Search
  English  ▼

X  

ICS9148-75 Datasheet(PDF) 13 Page - Integrated Circuit Systems

Part # ICS9148-75
Description  Frequency Generator & Integrated Buffers for Mother Boards
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9148-75 Datasheet(HTML) 13 Page - Integrated Circuit Systems

Back Button ICS9148-75 Datasheet HTML 9Page - Integrated Circuit Systems ICS9148-75 Datasheet HTML 10Page - Integrated Circuit Systems ICS9148-75 Datasheet HTML 11Page - Integrated Circuit Systems ICS9148-75 Datasheet HTML 12Page - Integrated Circuit Systems ICS9148-75 Datasheet HTML 13Page - Integrated Circuit Systems ICS9148-75 Datasheet HTML 14Page - Integrated Circuit Systems ICS9148-75 Datasheet HTML 15Page - Integrated Circuit Systems ICS9148-75 Datasheet HTML 16Page - Integrated Circuit Systems ICS9148-75 Datasheet HTML 17Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13
ICS9148-75
Preliminary Product Preview
Electrical Characteristics - CPU
TA = 0 - 70C; VDD = VDDL = 3.3 V +/-10%; CL = 10 - 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output High Voltage
V
OH2A
I
OH = -28 mA
2.5
2.6
V
Output Low Voltage
V
OL2A
I
OL = 27 mA
0.35
0.4
V
Output High Current
IOH2A
VOH = 2.0 V
-29
-23
mA
Output Low Current
IOL2A
VOL = 0.8 V
33
37
mA
Rise Time
tr2A
1
VOL = 0.4 V, VOH = 2.4 V
1.75
2
ns
Fall Time
tf2A
1
VOH = 2.4 V, VOL = 0.4 V
1.1
2
ns
Duty Cycle
dt2A
1
VT = 1.5 V
45
50
55
%
Skew
tsk2A
1
VT = 1.5 V
50
250
ps
Jitter, One Sigma
tj1s2A
1
VT = 1.5 V
65
150
ps
Jitter, Absolute
t
jabs2A
1
V
T = 1.5 V
-250
165
250
ps
1Guaranteed by design, not 100% tested in production.
Electrical Characteristics - PCI
TA = 0 - 70C; VDD = VDDL = 3.3 V +/-10%; CL = 30 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output High Voltage
V
OH1
I
OH = -28 mA
2.4
3
V
Output Low Voltage
VOL1
IOL = 23 mA
0.2
0.4
V
Output High Current
IOH1
VOH = 2.0 V
-60
-40
mA
Output Low Current
I
OL1
V
OL = 0.8 V
41
50
mA
Rise Time
t
r1
1
V
OL = 0.4 V, VOH = 2.4 V
1.8
2
ns
Fall Time
t
f1
1
V
OH = 2.4 V, VOL = 0.4 V
1.6
2
ns
Duty Cycle
d
t1
1
V
T = 1.5 V
45
50
55
%
Skew
t
sk1
1
V
T = 1.5 V
130
250
ps
Jitter, One Sigma
1
tj1s1a
VT = 1.5 V, synchronous
40
150
ps
tj1s1b
VT = 1.5 V, asynchronous
200
250
ps
Jitter, Absolute
1
tabs1a
VT = 1.5 V, synchronous
-250
135
250
ps
tjabs1b
VT = 1.5 V, asynchronous
-650
500
650
ps
1Guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com