Electronic Components Datasheet Search
  English  ▼

X  

ICS9148-75 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9148-75
Description  Frequency Generator & Integrated Buffers for Mother Boards
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9148-75 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9148-75 Datasheet HTML 1Page - Integrated Circuit Systems ICS9148-75 Datasheet HTML 2Page - Integrated Circuit Systems ICS9148-75 Datasheet HTML 3Page - Integrated Circuit Systems ICS9148-75 Datasheet HTML 4Page - Integrated Circuit Systems ICS9148-75 Datasheet HTML 5Page - Integrated Circuit Systems ICS9148-75 Datasheet HTML 6Page - Integrated Circuit Systems ICS9148-75 Datasheet HTML 7Page - Integrated Circuit Systems ICS9148-75 Datasheet HTML 8Page - Integrated Circuit Systems ICS9148-75 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
ICS9148-75
Preliminary Product Preview
Pin Descriptions
Notes:
1:
Internal Pull-up Resistor of 240K to 3.3V on indicated inputs
2:
Bidirectional input/output pins, input logic levels are latched at internal power-on-reset. Use 10Kohm resistor to
program logic Hi to VDD or GND for logic low.
R
E
B
M
U
N
N
I
PE
M
A
N
N
I
PE
P
Y
TN
O
I
T
P
I
R
C
S
E
D
11
D
D
VR
W
PV
3
.
3
l
a
n
i
m
o
n
,
y
l
p
p
u
s
r
e
w
o
p
L
A
T
X
,
)
2
:
0
(
f
e
R
2
0
F
E
RT
U
O.
k
c
o
l
c
e
c
n
e
r
e
f
e
r
z
H
M
8
1
3
.
4
1
3
S
FN
I
e
h
t
s
n
i
m
r
e
t
e
d
s
n
i
p
S
F
r
e
h
t
o
h
t
i
w
g
n
o
l
A
.
t
u
p
n
I
d
e
h
c
t
a
L
.
n
i
p
t
c
e
l
e
s
y
c
n
e
u
q
e
r
F
.
s
e
i
c
n
e
u
w
e
r
f
P
G
A
&
I
C
P
,
M
A
R
D
S
,
U
P
C
,
7
2
,
2
2
,
6
1
,
9
,
3
5
4
,
9
3
,
3
3
D
N
GR
W
Pd
n
u
o
r
G
41
XN
I
k
c
a
b
d
e
e
f
d
n
a
)
F
p
3
3
(
p
a
c
d
a
o
l
l
a
n
r
e
t
n
i
s
a
h
,
t
u
p
n
i
l
a
t
s
y
r
C
2
X
m
o
r
f
r
o
t
s
i
s
e
r
52
XT
U
O
d
a
o
l
l
a
n
r
e
t
n
i
s
a
H
.
z
H
M
8
1
3
.
4
1
y
l
l
a
n
i
m
o
n
,
t
u
p
t
u
o
l
a
t
s
y
r
C
)
F
p
3
3
(
p
a
c
62
D
D
VR
W
PV
3
.
3
l
a
n
i
m
o
n
,
)
5
:
0
(
K
L
C
I
C
P
d
n
a
F
_
K
L
C
I
C
P
r
o
f
y
l
p
p
u
S
7
F
_
K
L
C
I
C
PT
U
O
w
e
k
s
s
n
4
-
1
h
t
i
w
s
K
L
C
U
P
C
h
t
i
w
s
u
o
n
o
r
h
c
n
y
S
.
t
u
p
t
u
o
k
c
o
l
c
I
C
P
g
n
i
n
n
u
r
e
e
r
F
#
P
O
T
S
_
I
C
P
y
b
d
e
t
c
e
f
f
a
t
o
n
s
i
s
i
h
T
)
y
l
r
a
e
U
P
C
(
1
S
F
2
,
1
N
I
e
h
t
s
n
i
m
r
e
t
e
d
s
n
i
p
S
F
r
e
h
t
o
h
t
i
w
g
n
o
l
A
.
t
u
p
n
I
d
e
h
c
t
a
L
.
n
i
p
t
c
e
l
e
s
y
c
n
e
u
q
e
r
F
.
s
e
i
c
n
e
u
w
e
r
f
P
G
A
&
I
C
P
,
M
A
R
D
S
,
U
P
C
8
0
K
L
C
I
C
PT
U
O
)
y
l
r
a
e
U
P
C
(
w
e
k
s
s
n
4
-
1
h
t
i
w
s
K
L
C
U
P
C
s
u
o
n
u
o
r
h
c
n
y
S
.
s
t
u
p
t
u
o
k
c
o
l
c
I
C
P
2
S
F
2
,
1
N
It
u
p
n
I
d
e
h
c
t
a
L
.
n
i
p
t
c
e
l
e
s
y
c
n
e
u
q
e
r
F
3
1
,
2
1
,
1
1
,
0
1)
4
:
1
(
K
L
C
I
C
PT
U
O
)
y
l
r
a
e
U
P
C
(
w
e
k
s
s
n
4
-
1
h
t
i
w
s
K
L
C
U
P
C
s
u
o
n
u
o
r
h
c
n
y
S
.
s
t
u
p
t
u
o
k
c
o
l
c
I
C
P
4
15
D
D
VR
W
P0
P
G
A
,
z
H
M
8
4
,
L
L
P
d
e
x
i
f
r
o
f
y
l
p
p
u
S
5
1N
I
R
E
F
F
U
BN
I.
s
r
e
f
f
u
b
M
A
R
D
S
r
o
f
n
i
p
t
u
p
n
I
7
1
#
P
O
T
S
_
U
P
CN
I
e
l
i
b
o
M
n
i
(
w
o
l
t
u
p
n
i
n
e
h
w
,
l
e
v
e
l
0
c
i
g
o
l
t
a
s
k
c
o
l
c
)
3
:
0
(
K
L
C
U
P
C
s
t
l
a
H
)
0
=
E
D
O
M
,
e
d
o
M
1
1
M
A
R
D
ST
U
Ot
u
p
t
u
o
k
c
o
l
c
M
A
R
D
S
8
1
#
P
O
T
S
_
I
C
P
1
N
I
,
e
d
o
m
e
l
i
b
o
m
n
I
(
w
o
l
t
u
p
n
i
n
e
h
w
,
l
e
v
e
l
0
c
i
g
o
l
t
a
s
k
c
o
l
c
)
5
:
0
(
K
L
C
I
C
P
s
t
l
a
H
)
0
=
E
D
O
M
0
1
M
A
R
D
ST
U
Ot
u
p
t
u
o
k
c
o
l
c
M
A
R
D
S
,
4
3
,
2
3
,
1
3
,
9
2
,
8
2
8
3
,
7
3
,
5
3
)
9
:
0
(
M
A
R
D
ST
U
O.
s
t
u
p
t
u
o
k
c
o
l
c
M
A
R
D
S
0
2
#
P
O
T
S
_
P
G
A
1
N
I
t
u
p
n
i
n
e
h
w
l
e
v
e
l
"
0
"
c
i
g
o
l
t
a
s
k
c
o
l
c
)
2
:
1
(
P
G
A
s
t
l
a
h
t
u
p
n
i
s
u
o
n
o
r
h
c
n
y
s
a
s
i
h
T
0
P
G
A
t
c
e
f
f
a
t
o
n
s
e
o
D
)
0
=
E
D
O
M
,
e
d
o
M
e
l
i
b
o
M
n
i
(
w
o
l
9
M
A
R
D
ST
U
Ot
u
p
t
u
o
k
c
o
l
c
M
A
R
D
S
1
2
#
D
P
1
N
I
l
a
n
r
e
t
n
i
&
l
a
t
s
y
r
c
,
O
C
V
e
h
t
s
p
o
t
S
t
u
p
n
i
n
w
o
D
r
e
w
o
P
s
u
o
n
o
r
e
h
c
n
y
s
a
s
i
h
T
)
0
=
E
D
O
M
,
e
d
o
M
e
l
i
b
o
M
n
I
(
.
w
o
L
,
e
v
i
t
c
a
n
e
h
w
s
k
c
o
l
c
8
M
A
R
D
ST
U
Ot
u
p
t
u
o
k
c
o
l
c
M
A
R
D
S
6
3
,
0
3
,
9
13
D
D
VR
W
P
,
s
k
c
o
l
c
z
H
M
8
4
,
e
r
o
C
U
P
C
,
)
1
1
:
0
(
M
A
R
D
S
r
o
f
y
l
p
p
u
S
.
V
3
.
3
l
a
n
i
m
o
n
3
2A
T
A
D
SN
II
r
o
f
t
u
p
n
i
a
t
a
D
2
.
t
u
p
n
i
l
a
i
r
e
s
C
4
2K
L
C
SN
II
f
o
t
u
p
n
i
k
c
o
l
C
2
t
u
p
n
i
C
5
2
0
P
G
AT
U
O
y
b
d
e
t
c
e
f
f
a
t
o
N
.
4
D
D
V
y
b
d
e
r
e
w
o
p
,
t
u
p
t
u
o
t
r
o
P
c
i
h
p
a
r
G
d
e
c
n
a
v
d
A
#
P
O
T
S
_
P
G
A
E
D
O
M
2
,
1
N
I
.
e
d
o
M
e
l
i
b
o
M
=
0
,
e
d
o
M
p
o
t
k
s
e
D
=
1
,
n
i
p
t
c
e
l
e
s
n
o
i
t
c
n
u
f
1
2
&
0
2
,
8
1
,
7
1
n
i
P
.
t
u
p
n
I
d
e
h
c
t
a
L
6
2
z
H
M
8
4T
U
O.
g
n
i
m
i
t
B
S
U
r
o
f
k
c
o
l
c
t
u
p
t
u
o
z
H
M
8
4
0
S
F
2
,
1
N
I
e
h
t
s
n
i
m
r
e
t
e
d
s
n
i
p
S
F
r
e
h
t
o
h
t
i
w
g
n
o
l
A
.
t
u
p
n
I
d
e
h
c
t
a
L
.
n
i
p
t
c
e
l
e
s
y
c
n
e
u
q
e
r
F
.
s
e
i
c
n
e
u
w
e
r
f
P
G
A
&
I
C
P
,
M
A
R
D
S
,
U
P
C
4
4
,
3
4
,
1
4)
3
:
0
(
K
L
C
U
P
CT
U
Ow
o
L
=
#
P
O
T
S
_
U
P
C
f
i
w
o
L
.
2
L
D
D
V
y
b
d
e
r
e
w
o
p
,
s
t
u
p
t
u
o
k
c
o
l
c
U
P
C
0
42
1
M
A
R
D
ST
U
O.
t
u
p
t
u
o
k
c
o
l
c
M
A
R
D
S
k
c
a
b
d
e
e
F
2
4L
D
D
VR
W
Pl
a
n
i
m
o
n
V
3
.
3
r
o
V
5
.
2
r
e
h
t
i
e
,
)
3
:
0
(
U
P
C
r
o
f
y
l
p
p
u
S
7
4
,
6
4)
2
:
1
(
P
G
AT
U
O.
4
D
D
V
y
b
d
e
r
e
w
o
p
t
u
p
t
u
o
t
r
o
P
c
i
h
p
a
r
G
d
e
c
n
a
v
d
A
8
44
D
D
VR
W
P)
2
:
0
(
P
G
A
r
o
f
y
l
p
p
u
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com