Electronic Components Datasheet Search
  English  ▼

X  

MP-2 Datasheet(PDF) 5 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

Part # MP-2
Description  Smoke Gas Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEN [Zhengzhou Winsen Electronics Technology Co., Ltd.]
Direct Link  https://www.winsen-sensor.com/
Logo WINSEN - Zhengzhou Winsen Electronics Technology Co., Ltd.

MP-2 Datasheet(HTML) 5 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

  MP-2 Datasheet HTML 1Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP-2 Datasheet HTML 2Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP-2 Datasheet HTML 3Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP-2 Datasheet HTML 4Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP-2 Datasheet HTML 5Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP-2 Datasheet HTML 6Page - Zhengzhou Winsen Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Zhengzhou Winsen Electronics Technology Co., Ltd
www.winsen-sensor.com
Tel: 86-371-67169097
Fax: 86-371-60932988
Email: sales@winsensor.com
Cautions
1 .Following conditions must be prohibited
1.1 Exposed to volatilizable organic silicon steam
Sensing material will lose sensitivity and never recover if the sensor absorbs organic silicon steam. Sensors
must avoid exposing to silicon bond, fixature, silicon latex, putty or plastic contain silicon environment.
1.2 High Corrosive gas
If the sensors are exposed to high concentration corrosive gas (such as H
2S, SOX, Cl2, HCl etc.), it will not
only result in corrosion of sensors structure, also it cause sincere sensitivity attenuation.
1.3 Alkali, Alkali metals salt, halogen pollution
The sensors performance will be changed badly if sensors be sprayed polluted by alkali metals salt
especially brine, or be exposed to halogen such as fluorine.
1.4 Touch water
Sensitivity of the sensors will be reduced when spattered or dipped in water.
1.5 Freezing
Do avoid icing on sensor’s surface, otherwise sensing material will be broken and lost sensitivity.
1.6 Applied higher voltage
Applied voltage on sensor should not be higher than stipulated value, even if the sensor is not physically
damaged or broken, it causes down-line or heater damaged, and bring on sensors’ sensitivity characteristic
changed badly.
1.7 Voltage on wrong pins
As Fig8,Pin 1&2 connects to heater circuit, Pin 3&4 connects to measuring circuit; Under the requested
conditions, heating and measuring can use the same power circuit.
NOTE: the two pins near the protuberance mark is heating electrode.
Fig6.Pin Schematic Diagram
2 .Following conditions should be avoided
2.1 Water Condensation
Indoor conditions, slight water condensation will influence sensors’ performance lightly. However, if water
condensation on sensors surface and keep a certain period, sensors’ sensitive will be decreased.
2.2 Used in high gas concentration
No matter the sensor is electrified or not, if it is placed in high gas concentration for long time, sensors
characteristic will be affected. If lighter gas sprays the sensor,it will cause extremely damage.
Protuberance
Mark
Pin 1&2 is heating electrode,
Pin 3&4 is measuring electrode.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com