Electronic Components Datasheet Search
  English  ▼

X  

MP-2 Datasheet(PDF) 6 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

Part # MP-2
Description  Smoke Gas Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEN [Zhengzhou Winsen Electronics Technology Co., Ltd.]
Direct Link  https://www.winsen-sensor.com/
Logo WINSEN - Zhengzhou Winsen Electronics Technology Co., Ltd.

MP-2 Datasheet(HTML) 6 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

  MP-2 Datasheet HTML 1Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP-2 Datasheet HTML 2Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP-2 Datasheet HTML 3Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP-2 Datasheet HTML 4Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP-2 Datasheet HTML 5Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP-2 Datasheet HTML 6Page - Zhengzhou Winsen Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Zhengzhou Winsen Electronics Technology Co., Ltd
www.winsen-sensor.com
Tel: 86-371-67169097
Fax: 86-371-60932988
Email: sales@winsensor.com
2.3 Long time storage
The sensors resistance will drift reversibly if it’s stored for long time without electrify, this drift is related
with storage conditions. Sensors should be stored in airproof bag without volatile silicon compound. For
the sensors with long time storage but no electrify, they need long galvanical aging time for stability before
using. The suggested aging time as follow:
Stable2.
Storage Time
Suggested aging time
Less than one month
Not less than 48 hours
1 ~ 6 months
Not less than 72 hours
More than six months
Not less than 168 hours
2.4 Long time exposed to adverse environment
No matter the sensors electrified or not, if exposed to adverse environment for long time, such as high
humidity, high temperature, or high pollution etc., it will influence the sensors’ performance badly.
2.5 Vibration
Continual vibration will result in sensors down-lead response then break. In transportation or assembling
line, pneumatic screwdriver/ultrasonic welding machine can lead this vibration.
2.6 Concussion
If sensors meet strong concussion, it may lead its lead wire disconnected.
2.7 Usage Conditions
2.7.1For sensor, handmade welding is optimal way. The welding conditions as follow:
 Soldering flux: Rosin soldering flux contains least chlorine
 homothermal soldering iron
 Temperature: 250℃
 Time:less than 3 seconds
2.7.2If users choose wave-soldering, the following conditions should be obey:
 Soldering flux: Rosin soldering flux contains least chlorine
 Speed: 1-2 Meter/ Minute
 Warm-up temperature:100±20℃
 Welding temperature:250±10℃
 One time pass wave crest welding machine
If disobey the above using terms, sensors sensitivity will be reduced.
Zhengzhou Winsen Electronics Technology Co., Ltd
Add: No.299, Jinsuo Road, National Hi-Tech Zone,
Zhengzhou 450001 China
Tel: +86-371-67169097 / 67169670
Fax: +86-371-60932988
E-mail: sales@winsensor.com
Website: www.winsen-sensor.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com