Electronic Components Datasheet Search
  English  ▼

X  

MP-4 Datasheet(PDF) 4 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

Part # MP-4
Description  Flammable Gas Sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEN [Zhengzhou Winsen Electronics Technology Co., Ltd.]
Direct Link  https://www.winsen-sensor.com/
Logo WINSEN - Zhengzhou Winsen Electronics Technology Co., Ltd.

MP-4 Datasheet(HTML) 4 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

  MP-4 Datasheet HTML 1Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP-4 Datasheet HTML 2Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP-4 Datasheet HTML 3Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP-4 Datasheet HTML 4Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP-4 Datasheet HTML 5Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP-4 Datasheet HTML 6Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP-4 Datasheet HTML 7Page - Zhengzhou Winsen Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Zhengzhou Winsen Electronics Technology Co., Ltd
www.winsen-sensor.com
Tel: 86-371-67169097
Fax: 86-371-60932988
Email: sales@winsensor.com
Basic circuit
This circuit shows the basic measuring circuit of sensor. Two voltages should be applied to this
sensor: heating voltage (VH) and circuit voltage(Vc). VH is used for supplying a certain
temperature which can be DC or AC. VRL is the voltage on the load resistance(RL) which connects
to the sensor in series. Vc is supply the test voltage for RL and it must be DC.
Characterization
Fig5.Response and Resume curve
Fig6.Linear curve
Fig3.Typical Sensitivity Curve
The ordinate is resistance ratio of the sensor (Rs/R0), the abscissa is
concentration of gases. Rs means resistance in target gas, R0 means
resistance of sensor in clean air. All tests are finished under
standard test conditions.
Fig4.Typical temperature/humidity characteristics
The ordinate is resistance ratio of the sensor (Rs/Rso).Rs means
resistance of sensor in 5000ppm CH4 gas under different tem. and
humidity. Rso means resistance of the sensor in 5000ppm CH4 gas
under 20℃/65%RH.
时间(S)
MP-4线性曲线
0
0.5
1
1.5
2
2.5
3
3.5
4
甲烷浓度(ppm)
CH4
Air
Alcohol
C3H8
Fig2.Test circuit for MP-4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com