Electronic Components Datasheet Search
  English  ▼

X  

MP-4 Datasheet(PDF) 7 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

Part # MP-4
Description  Flammable Gas Sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEN [Zhengzhou Winsen Electronics Technology Co., Ltd.]
Direct Link  https://www.winsen-sensor.com/
Logo WINSEN - Zhengzhou Winsen Electronics Technology Co., Ltd.

MP-4 Datasheet(HTML) 7 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

  MP-4 Datasheet HTML 1Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP-4 Datasheet HTML 2Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP-4 Datasheet HTML 3Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP-4 Datasheet HTML 4Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP-4 Datasheet HTML 5Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP-4 Datasheet HTML 6Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP-4 Datasheet HTML 7Page - Zhengzhou Winsen Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Zhengzhou Winsen Electronics Technology Co., Ltd
www.winsen-sensor.com
Tel: 86-371-67169097
Fax: 86-371-60932988
Email: sales@winsensor.com
 Soldering flux: Rosin soldering flux contains least chlorine
 homothermal soldering iron
 Temperature: 250℃
 Time:less than 3 seconds
2.7.2If users choose wave-soldering, the following conditions should be obey:
 Soldering flux: Rosin soldering flux contains least chlorine
 Speed: 1-2 Meter/ Minute
 Warm-up temperature:100±20℃
 Welding temperature:250±10℃
 One time pass wave crest welding machine
If disobey the above using terms, sensors sensitivity will be reduced.
Zhengzhou Winsen Electronics Technology Co., Ltd
Add: No.299, Jinsuo Road, National Hi-Tech Zone,
Zhengzhou 450001 China
Tel: +86-371-67169097 / 67169670
Fax: +86-371-60932988
E-mail: sales@winsensor.com
Website: www.winsen-sensor.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com