Electronic Components Datasheet Search
  English  ▼

X  

ZP04 Datasheet(PDF) 4 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

Part # ZP04
Description  Combustible Gas Detection Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEN [Zhengzhou Winsen Electronics Technology Co., Ltd.]
Direct Link  https://www.winsen-sensor.com/
Logo WINSEN - Zhengzhou Winsen Electronics Technology Co., Ltd.

ZP04 Datasheet(HTML) 4 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

  ZP04 Datasheet HTML 1Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP04 Datasheet HTML 2Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP04 Datasheet HTML 3Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP04 Datasheet HTML 4Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP04 Datasheet HTML 5Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP04 Datasheet HTML 6Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP04 Datasheet HTML 7Page - Zhengzhou Winsen Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Zhengzhou Winsen Electronics Technology Co., Ltd
www.winsen-sensor.com
Tel: 86-371-67169097/67169670
Fax: 86-371-60932988
Email: sales@winsensor.com
Leading gas sensing solutions supplier in China!
Pin Function Description
Fig2. ZP02 Pins
Pin No.
Function
Functional description
Pin1
DC5V
+5V output
Pin2
Alarm lamp LED drive
To output high level when alarming
Pin3
Fault lamp LED drive
To output low level when it has fault
Pin4
Warm-up lamp LED drive
To output low level during the warm-up course
Pin5
GND
Direct current supply
Pin6
NC
Hang in the air
Pin7
Warm-up button keystroke
To cancel warm-up by knobbing down this button during
the warm-up course
Pin8
Electric magnetic buzzer
drive
To control the conducting of electric magnetic buzzer
Pin9
Buzzer drive 1
Piezoelectric buzzer (three-terminal)oscillator output
Pin10
Buzzer drive 2
Piezoelectric buzzer (three-terminal)oscillator output
Pin11
Electric Power lamp LED
drive
To output low level during normal operating period
Pin12
Test button keystroke
To detect basic function by knobbing down this button
during normal operating period
Pin13
Relay drive
When giving alarm ,to output low level and connect with
relay directly
Pin14
Electromagnetic valve drive
When giving alarm ,to output high level(specific refer to
application circuit)
Pin15
Electromagnetic valve drive
To charge electromagnetic valve in voltage regulation and
capacity during normal operating period
Pin16
Vin
Module power input



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com