Electronic Components Datasheet Search
  English  ▼

X  

ZP04 Datasheet(PDF) 5 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

Part # ZP04
Description  Combustible Gas Detection Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEN [Zhengzhou Winsen Electronics Technology Co., Ltd.]
Direct Link  https://www.winsen-sensor.com/
Logo WINSEN - Zhengzhou Winsen Electronics Technology Co., Ltd.

ZP04 Datasheet(HTML) 5 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

  ZP04 Datasheet HTML 1Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP04 Datasheet HTML 2Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP04 Datasheet HTML 3Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP04 Datasheet HTML 4Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP04 Datasheet HTML 5Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP04 Datasheet HTML 6Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP04 Datasheet HTML 7Page - Zhengzhou Winsen Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Zhengzhou Winsen Electronics Technology Co., Ltd
www.winsen-sensor.com
Tel: 86-371-67169097/67169670
Fax: 86-371-60932988
Email: sales@winsensor.com
Leading gas sensing solutions supplier in China!
Application Principles
This module can be used for complete device development of household gas leak
alarm.
ZP04 reference diagram of application principle
Diagram of application principle BOM
No
Material label
Material name
Model and specification of
material
Quantity
1
U1
Module
ZP0 module
1
2
D5、D6
Kenotron tube
1N4007
2
3
LED1
Light emitting diode
Green
1
4
LED2、LED3
Light emitting diode
Yellow
2
5
LED4
Light emitting diode
Red
1
6
K1
Electromagnetic relay
DC9V
1
7
Q1
Audion
C2500
1
8
BUZZER1
Buzzer
9V piezoelectric buzzer
1
9
SW1、SW2
touch switch
2
10
C2
electrolytic capacitor
1000uF/16V
1
11
Q3
Audion
9013
1
12
BUZZER2
electric magnetic buzzer
9V electric magnetic buzzer
1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com