Electronic Components Datasheet Search
  English  ▼

X  

LT8338 Datasheet(PDF) 13 Page - Analog Devices

Part # LT8338
Description  40V, 1.2A Micropower Synchronous Boost Converter with PassThru
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8338 Datasheet(HTML) 13 Page - Analog Devices

Back Button LT8338 Datasheet HTML 9Page - Analog Devices LT8338 Datasheet HTML 10Page - Analog Devices LT8338 Datasheet HTML 11Page - Analog Devices LT8338 Datasheet HTML 12Page - Analog Devices LT8338 Datasheet HTML 13Page - Analog Devices LT8338 Datasheet HTML 14Page - Analog Devices LT8338 Datasheet HTML 15Page - Analog Devices LT8338 Datasheet HTML 16Page - Analog Devices LT8338 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LT8338
13
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
prevent damage to external components or the load.
As shown in the Block Diagram, the soft-start function
controls the ramp of the power switch current by con-
trolling the ramp of VC through Q1. This allows the output
capacitor to be charged gradually toward its final value
while limiting the start-up peak currents. The typical
start-up waveforms are shown in the Typical Performance
Characteristics section.
Hot Plug
If the LT8338 boost converter is plugged into a live sup-
ply, VOUT can ring to twice the VIN voltage due to the
resonant circuit composed by L, C2, and the body diode
of MTOP (refer to the Block Diagram). If such overshoot
exceeds the VOUT rating, it needs to be limited to protect
the load and the converter. In these conditions, a small
diode (Schottky diode or silicon diode) can be connected
between VIN and VOUT to deactivate the resonant circuit
and limit VOUT overshoot as shown in Figure 3. With the
diode connected, the LT8338 boost is also more robust
against output fault conditions such as output short cir-
cuit or overload, due to the diode's ability to divert a great
amount of output current from the LT8338. The diode
can be rated for about one-half to one-fifth the full load
current since it only conducts current during start-up or
output fault conditions.
Fault Protection
INTVCC undervoltage (INTVCC < 2.2V), or thermal lockout
(TJ > 170°C) will immediately stop the converter from
switching, pull down VC and reset soft-start. Faults are
removed when INTVCC > 2.3V, and the die temperature
has dropped down to 165°C or lower. Once all faults are
removed, the LT8338 will resume switching with a soft-
started VC inductor peak current limiting.
In addition, converter will stop switching immediately
when VOUT overvoltage (VOUT > 41.4V) happens, and will
resume switching once VOUT is lower than 40.6V.
Duty Cycle Consideration
The LT8338 minimum on-time, minimum off-time and
switching frequency define the allowable minimum and
maximum duty cycles of the converter (see Minimum
On-Time, Minimum Off-Time, and Switching Frequency
in the Electrical Characteristics table) as:
Minimum Allowable Duty Cycle =
Minimum On-Time(MAX) • fOSC(MAX)
Maximum Allowable Duty Cycle =
1 – Minimum Off-Time(MAX) • fOSC(MAX)
The required switch duty cycle range for a boost converter
operating in continuous conduction mode (CCM) can be
calculated using Equation 3.
DMIN =
VOUT – VIN(MAX)
VOUT
DMAX =
VOUT – VIN(MIN)
VOUT
(3)
If the above duty cycle calculations for a given appli-
cation violate the minimum and/or maximum allowed
duty cycles, operation in discontinuous conduction
mode (DCM) may provide a solution. For the same VIN and
VOUT levels, operation in DCM does not demand as low a
duty cycle as in CCM. DCM also allows higher duty cycle
operation than CCM. The additional advantage of DCM is
the removal of the limitations to inductor value and duty
cycle required to avoid sub-harmonic oscillations and the
right half plane zero (RHPZ). While DCM provides these
Figure 3. A Simplified LT8338 Power Stage with a
Diode Added Between VIN and VOUT
VOUT
VIN
L
C1
C2
VIN
SW
VOUT
GND
LT8338
D
8338 F03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com