Electronic Components Datasheet Search
  English  ▼

X  

LT8338 Datasheet(PDF) 16 Page - Analog Devices

Part # LT8338
Description  40V, 1.2A Micropower Synchronous Boost Converter with PassThru
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8338 Datasheet(HTML) 16 Page - Analog Devices

Back Button LT8338 Datasheet HTML 12Page - Analog Devices LT8338 Datasheet HTML 13Page - Analog Devices LT8338 Datasheet HTML 14Page - Analog Devices LT8338 Datasheet HTML 15Page - Analog Devices LT8338 Datasheet HTML 16Page - Analog Devices LT8338 Datasheet HTML 17Page - Analog Devices LT8338 Datasheet HTML 18Page - Analog Devices LT8338 Datasheet HTML 19Page - Analog Devices LT8338 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LT8338
16
Rev. 0
For more information www.analog.com
8V to 16V Input, 24V Output Boost Converter
TYPICAL APPLICATION
5V to 30V Input, 30V Output Boost Converter
Efficiency
Efficiency
VIN = 8V
VIN = 12V
VIN = 16V
LOAD CURRENT (mA)
1
10
100
1k
0
10
20
30
40
50
60
70
80
90
100
8338 TA02b
VIN = 6V
VIN =15V
VIN = 24V
LOAD CURRENT (mA)
1
10
100
1k
0
10
20
30
40
50
60
70
80
90
100
8338 TA03b
VOUT
VIN
10µH
EN/UVLO
VIN
SW
SYNC/MODE
INTVCC
CTRL
BST
VOUT
GND
RT
LT8338
0.1µF
40.2k
953k
1MEG
2.2µF
2.2µF
4.7µF
162k
1MEG
0.01µF
(8V TO 16V)
L
C4
C2
C3
R2
R1
RT
240mA
(24V)
C1
R3
R4
8338 TA02a
2.20MHz
C5
L: WURTH ELEKTRONIK 78438336100
C1: TDK CGA4J3X7R1H225K125AB
C2: TDK CGA4J1X7R1H475K125AC
VOUT
VIN
10µH
EN/UVLO
VIN
SW
SYNC/MODE
INTVCC
CTRL
BST
VOUT
GND
RT
LT8338
0.1µF
40.2k
562k
1MEG
2.2µF
2.2µF
4.7µF
619k
1MEG
0.01µF
(5V TO 30V)
L
C4
C2
C3
R2
R1
RT
100mA
(30V)
C1
R3
R4
8338 TA03a
2.20MHz
C5
L: WURTH ELEKTRONIK 78438336100
C1: TDK CGA4J3X7R1H225K125AB
C2: TDK CGA4J1X7R1H475K125AC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com