Electronic Components Datasheet Search
  English  ▼

X  

LTC4381 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC4381
Description  Low Quiescent Current Surge Stopper with 9m廓 MOSFET
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4381 Datasheet(HTML) 2 Page - Analog Devices

  LTC4381 Datasheet HTML 1Page - Analog Devices LTC4381 Datasheet HTML 2Page - Analog Devices LTC4381 Datasheet HTML 3Page - Analog Devices LTC4381 Datasheet HTML 4Page - Analog Devices LTC4381 Datasheet HTML 5Page - Analog Devices LTC4381 Datasheet HTML 6Page - Analog Devices LTC4381 Datasheet HTML 7Page - Analog Devices LTC4381 Datasheet HTML 8Page - Analog Devices LTC4381 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC4381
2
Rev. 0
For more information www.analog.com
ABSOLUTE MAXIMUM RATINGS
IN (Note 5) ............................................... –0.3V to 100V
VCC, ON, SEL...............................................–60V to 80V
DRN (Note 3), SNS, OUT, SRC
LTC4381-1/LTC4381-2 ........................... –0.3V to 53V
LTC4381-3/LTC4381-4........................... –0.3V to 80V
SNS to OUT..................................................... –5V to 5V
GATE, GFET (Note 4)
LTC4381-1/LTC4381-2 ........................... –0.3V to 53V
LTC4381-3/LTC4381-4........................... –0.3V to 86V
GATE to OUT, GATE to VCC,
GFET to SRC (Note 4) ............................ –0.3V to 10V
TMR............................................................. –0.3V to 5V
FLT ............................................................. –0.3V to 80V
IDRN.......................................................................2.5mA
Operating Junction Temperature Range
LTC4381C ................................................ 0°C to 70°C
LTC4381I .............................................–40°C to 85°C
LTC4381H.......................................... –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
ORDER INFORMATION
PIN CONFIGURATION
TUBE
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4381CDKE-2#PBF
LTC4381CDKE-2#TRPBF
43812
32-Lead (7mm × 5mm) Plastic DFN
0°C to 70°C
LTC4381IDKE-2#PBF
LTC4381IDKE-2#TRPBF
43812
32-Lead (7mm × 5mm) Plastic DFN
–40°C to 85°C
LTC4381HDKE-2#PBF
LTC4381HDKE-2#TRPBF
43812
32-Lead (7mm × 5mm) Plastic DFN
–40°C to 125°C
LTC4381CDKE-4#PBF
LTC4381CDKE-4#TRPBF
43814
32-Lead (7mm × 5mm) Plastic DFN
0°C to 70°C
LTC4381IDKE-4#PBF
LTC4381IDKE-4#TRPBF
43814
32-Lead (7mm × 5mm) Plastic DFN
–40°C to 85°C
LTC4381HDKE-4#PBF
LTC4381HDKE-4#TRPBF
43814
32-Lead (7mm × 5mm) Plastic DFN
–40°C to 125°C
Contact ADI Sales for LTC4381-1/LTC4381-3 option. Contact ADI Sales for parts specified with wider operating temperature ranges. *The temperature
grade is identified by a label on the shipping container.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.
(Notes 1, 2)
4
3
2
1
TMR
ON
GND
DRN
NC
VCC
IN
SRC
SRC
SRC
SRC
SRC
SRC
SRC
SRC
SRC
SEL
FLT
OUT
SNS
NC
GATE
GFET
IN
SRC
SRC
SRC
SRC
SRC
SRC
SRC
SRC
32
31
30
29
7
6
5
8
9
10
11
12
13
14
15
16
TOP VIEW
DKE PACKAGE
32-LEAD (7mm × 5mm) PLASTIC DFN
TJMAX = 150°C, θJA = 23°C/W
EXPOSED PAD (PIN 33) IS IN
33
IN
24
22
21
20
19
18
17
28
27
26
25
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com