Electronic Components Datasheet Search
  English  ▼

X  

LTC4381 Datasheet(PDF) 21 Page - Analog Devices

Part # LTC4381
Description  Low Quiescent Current Surge Stopper with 9m廓 MOSFET
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4381 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTC4381 Datasheet HTML 16Page - Analog Devices LTC4381 Datasheet HTML 17Page - Analog Devices LTC4381 Datasheet HTML 18Page - Analog Devices LTC4381 Datasheet HTML 19Page - Analog Devices LTC4381 Datasheet HTML 20Page - Analog Devices LTC4381 Datasheet HTML 21Page - Analog Devices LTC4381 Datasheet HTML 22Page - Analog Devices LTC4381 Datasheet HTML 23Page - Analog Devices LTC4381 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LTC4381
21
Rev. 0
For more information www.analog.com
Figure 8. 12V Hot Swap Controller with Input UV Detection with 60V/2A/3.5ms Overvoltage Protection
TYPICAL APPLICATION
Figure 9. 28V Surge Stopper with Output Clamped to Below 40V with 100V/1A/6ms Overvoltage Protection
RSNS
20m
R2
33
R1
10k
RDRN
100k
R3
10
C1
220nF
CTMR
220nF
C2
47nF
COUT
100µF
D1
22V
D2
9.1V
R5
240k
R4
51k
IN
DRN
ON
VCC
SEL
GND
TMR
SRC
SNS
OUT
LTC4381-2
GATE
4381 F08
GFET
CMZ5933B
VOUT
12V/2A
OUTPUT CLAMPED
AT 28.5V
VIN
12V
60VPK
DDZ9696T
UV = 10.2V
FLT
RSNS
40m
R2
33
R1
10k
RDRN
100k
R3
10
C1
220nF
CTMR
470nF
C2
47nF
COUT
22µF
D1
30V
IN
DRN
ON
VCC
SEL
GND
TMR
SRC
SNS
OUT
LTC4381-4
GATE
4381 F09
GFET
CMZ5936B
FLT
VIN
28V
(100V VPK)
VOUT
28V/1A
OUTPUT CLAMPED
AT 40.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com