Electronic Components Datasheet Search
  English  ▼

X  

LTC3225 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC3225
Description  20V 1A Buck DC/DC with Integrated SCAP Charger and Backup Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3225 Datasheet(HTML) 2 Page - Analog Devices

  LTC3225 Datasheet HTML 1Page - Analog Devices LTC3225 Datasheet HTML 2Page - Analog Devices LTC3225 Datasheet HTML 3Page - Analog Devices LTC3225 Datasheet HTML 4Page - Analog Devices LTC3225 Datasheet HTML 5Page - Analog Devices LTC3225 Datasheet HTML 6Page - Analog Devices LTC3225 Datasheet HTML 7Page - Analog Devices LTC3225 Datasheet HTML 8Page - Analog Devices LTC3225 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LTC3355-1
2
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN, VINS, VINM5 ........................................................22V
VIN – VINS............................................................... ±0.1V
VSW1 .......................................................... –0.4V to 22V
VSW2 ............................................................ –0.4V to 6V
VOUT, INTVCC, VCAP...................................... –0.3V to 6V
PFI, EN_CHG, FB.......................................... –0.3V to 6V
CFB ............................................–0.3V to INTVCC + 0.3V
Operating Junction Temperature Range
(Notes 2, 3)............................................ –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
(Note 1)
20 19 18 17 16
6
7
8
TOP VIEW
21
GND
UF PACKAGE
20-LEAD (4mm × 4mm) PLASTIC QFN
TJMAX = 125°C, θJA = 47°C/W
EXPOSED PAD (PIN 21) IS GND, MUST BE SOLDERED TO PCB
9 10
5
4
3
2
1
11
12
13
14
15
PFI
FB
GND
VINS
VIN
VOUT
VCAP
NC
ICHG
CFB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3355EUF-1#PBF
LTC3355EUF-1#TRPBF
33551
20-Lead (4mm
× 4mm) Plastic QFN
–40°C to 125°C
LTC3355IUF-1#PBF
LTC3355IUF-1#TRPBF
33551
20-Lead (4mm
× 4mm) Plastic QFN
–40°C to 125°C
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com