Electronic Components Datasheet Search
  English  ▼

X  

LTC3225 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC3225
Description  20V 1A Buck DC/DC with Integrated SCAP Charger and Backup Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3225 Datasheet(HTML) 3 Page - Analog Devices

  LTC3225 Datasheet HTML 1Page - Analog Devices LTC3225 Datasheet HTML 2Page - Analog Devices LTC3225 Datasheet HTML 3Page - Analog Devices LTC3225 Datasheet HTML 4Page - Analog Devices LTC3225 Datasheet HTML 5Page - Analog Devices LTC3225 Datasheet HTML 6Page - Analog Devices LTC3225 Datasheet HTML 7Page - Analog Devices LTC3225 Datasheet HTML 8Page - Analog Devices LTC3225 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
LTC3355-1
3
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C. VIN = 12V unless otherwise noted. (Note 2)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
VIN Operating Voltage Range
l
3
20
V
IQ
VIN Quiescent Current
VOUT Quiescent Current
Charger Off, Not Switching, VOUT = 3.3V, No
Load, In Regulation, Supercapacitor Charged
l
l
60
110
120
265
215
420
µA
µA
VFB
FB Reference Voltage
l
0.775
0.825
V
FB Line Regulation
VOUT = 2.7V to 5V
0.1
%/V
IFB
FB Input Bias Current
–20
20
nA
VVOUT
VOUT Voltage Range
l
2.7
5
V
VOUT Overvoltage Limit
Buck or Boost Enabled
5.4
5.65
5.95
V
VOUT Undervoltage Lockout Threshold
Boost Enabled
1.8
2
2.2
V
VINM5
VIN-VINM5
VIN > 7V
4.65
V
VINTVCC
INTVCC Internal Voltage Power Supply
2
5
V
VVCAP
VCAP Voltage Range
0
5
V
IVCAP
VCAP Current Accuracy
VCAP = 2V, VOUT = 3.3V, IVCAP = 1A
EN_CHG = High
–10
10
%
VCAP Programmable Current Range
EN_CHG = High
0.1
1
A
VICHG
ICHG Reference Voltage
EN_CHG = High
0.78
0.82
V
RICHG
ICHG Set Resistor Range
60.4
604
kΩ
ICFB
CFB Input Bias Current
–20
20
nA
VCFB
CFB Reference Voltage
EN_CHG = High
0.78
0.8
0.82
V
CFB Hysteresis
EN_CHG = High
30
mV
CFB Overvoltage Hysteretic Comparator
Switch Point
CFB Rising
CFB Falling
VCFB+0.035
VCFB
V
V
IICL
VIN Input Current Limit
VINS-VIN to Disable Charger
VINS-VIN to Disable Buck
37
42
43
50
mV
mV
VINS(CMI) VINS Common Mode Range
3.0
20
V
fSW
Switching Frequency
FB ≥ 0.5V
0.75
1
1.25
MHz
Foldback Frequency (Buck Only)
FB ≤ 0.3V
100
kHz
VPFI
PFI Falling Threshold
l
0.775
0.8
0.825
V
PFI Hysteresis
17
mV
IPFI
PFI Leakage Current
–20
20
nA
1A Buck Regulator
ISW1
SW1 Peak Current
(Note 5)
1.3
1.65
2
A
tSS
Soft-Start Time
1000
µs
DC Max
Maximum Duty Cycle
FB = 0V
100
%
RPMOS
PMOS On-Resistance
0.5
1
Ω
ILEAKP
PMOS Leakage Current
Buck Disabled
–2
2
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com