Electronic Components Datasheet Search
  English  ▼

X  

LT8640 Datasheet(PDF) 6 Page - Analog Devices

Part # LT8640
Description  42V, 10A/12A Peak Synchronous Step-Down Silent Switcher 2
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8640 Datasheet(HTML) 6 Page - Analog Devices

Back Button LT8640 Datasheet HTML 2Page - Analog Devices LT8640 Datasheet HTML 3Page - Analog Devices LT8640 Datasheet HTML 4Page - Analog Devices LT8640 Datasheet HTML 5Page - Analog Devices LT8640 Datasheet HTML 6Page - Analog Devices LT8640 Datasheet HTML 7Page - Analog Devices LT8640 Datasheet HTML 8Page - Analog Devices LT8640 Datasheet HTML 9Page - Analog Devices LT8640 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LT8638S
6
Rev. 0
For more information www.analog.com
EN Pin Thresholds
Load Regulation
TYPICAL PERFORMANCE CHARACTERISTICS
Line Regulation
No-Load Supply Current
Top FET Current Limit vs
Temperature
Top FET Current Limit vs Duty Cycle
Switch RDS(ON) vs Temperature
Dropout Voltage
Minimum On-Time
EN RISING
EN FALLING
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
0.92
0.93
0.94
0.95
0.96
0.97
0.98
0.99
1.00
8638S G10
VIN = 12V
VOUT = 5V
FORCED CONTINUOUS MODE
Burst Mode OPERATION
LOAD CURRENT (A)
0
2
4
6
8
10
–1.00
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
1.00
8638S G11
VOUT = 5V
ILOAD = 1A
FC MODE
LOAD CURRENT (A)
5
10
15
20
25
30
35
40
–0.20
–0.15
–0.10
–0.05
0.00
0.05
0.10
0.15
0.20
8638S G12
VOUT = 5V
L = 1µH
Burst Mode OPERATION
IN REGULATION
INPUT VOLTAGE (V)
5
10
15
20
25
30
35
40
25
50
75
100
125
150
175
200
8638S G13
DUTY CYCLE
0.1
0.3
0.5
0.7
0.9
14
15
16
17
18
19
20
8638S G14
5% DC
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
17
18
19
20
21
22
23
8638S G15
TOP SWITCH
BOTTOM SWITCH
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
0
5
10
15
20
25
30
35
40
8638S G16
VIN = 5V
VOUT SET TO REGULATE AT 5V
L = XGL6060, 1µH
LOAD CURRENT (A)
0
1
2
3
4
5
6
7
8
9 10
0
50
100
150
200
250
300
350
400
8638S G17
VOUT = 0.6V
ILOAD = 5A
fSW = 3MHz
FORCED CONTINOUS MODE
Burst Mode OPERATION
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
15
20
25
30
35
8638S G18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com