Electronic Components Datasheet Search
  English  ▼

X  

LT8640 Datasheet(PDF) 17 Page - Analog Devices

Part # LT8640
Description  42V, 10A/12A Peak Synchronous Step-Down Silent Switcher 2
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8640 Datasheet(HTML) 17 Page - Analog Devices

Back Button LT8640 Datasheet HTML 13Page - Analog Devices LT8640 Datasheet HTML 14Page - Analog Devices LT8640 Datasheet HTML 15Page - Analog Devices LT8640 Datasheet HTML 16Page - Analog Devices LT8640 Datasheet HTML 17Page - Analog Devices LT8640 Datasheet HTML 18Page - Analog Devices LT8640 Datasheet HTML 19Page - Analog Devices LT8640 Datasheet HTML 20Page - Analog Devices LT8640 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
LT8638S
17
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
transient response (see Figure 4). At light loads, FCM
operation is less efficient than Burst Mode operation, but
may be desirable in applications where it is necessary to
keep switching harmonics out of the signal band. FCM
must be used if the output is required to sink current. To
enable FCM, float the SYNC/MODE pin. Leakage current
on this pin should be <1µA. See Block Diagram for internal
pull-up and pull-down resistance.
FRONT PAGE APPLICATION
100mA to 5.1A TRANSIENT
12VIN, 5VOUT, fSW = 1MHz
Cc = 220pF, RC = 12.1k
COUT = 47µF, CLEAD = 15pF
FCM
Burst Mode OPERATION
50µs/DIV
ILOAD
5A/DIV
VOUT
100mV/DIV
8638S F04
Figure 4. LT8638S Load Step Transient Response with
and without Forced Continuous Mode
FCM is disabled if the VIN pin is held above 37V or if the FB
pin is held greater than 7.75% above the feedback reference
voltage. FCM is also disabled during soft-start until the
soft-start capacitor is fully charged. When FCM is disabled
in these ways, negative inductor current is not allowed and
the LT8638S operates in pulse-skipping mode.
Spread Spectrum Mode
The LT8638S features spread spectrum operation to
further reduce EMI emissions. To enable spread spec-
trum operation, the SYNC/MODE pin should be tied high
to INTVCC (or >3V). In this mode, triangular frequency
modulation is used to vary the switching frequency
between the value programmed by RT to approximately
24% higher than that value. The modulation frequency is
approximately 3kHz. For example, when the LT8638S is
programmed to 2MHz, the frequency will vary from 2MHz
to approximately 2.5MHz at a 3kHz rate. When spread
spectrum operation is selected, Burst Mode operation is
disabled, and the part will run in forced continuous mode.
Synchronization
To synchronize the LT8638S oscillator to an external fre-
quency, connect a square wave to the SYNC/MODE pin.
The square wave amplitude should have valleys that are
below 0.7V and peaks above 1.5V (up to 6V) with a min-
imum on-time and off-time of 50ns.
The LT8638S will not enter Burst Mode operation at low
output loads while synchronized to an external clock, but
instead will run forced continuous mode to maintain reg-
ulation. The LT8638S may be synchronized over a 200kHz
to 3MHz range. The RT resistor should be chosen to set
the LT8638S switching frequency equal to or below the
lowest synchronization input. For example, if the synchro-
nization signal will be 500kHz and higher, the RT should
be selected for 500kHz. The slope compensation is set
by the RT value, while the minimum slope compensation
required to avoid subharmonic oscillations is established
by the inductor size, input voltage and output voltage.
Since the synchronization frequency will not change the
slopes of the inductor current waveform, if the inductor
is large enough to avoid subharmonic oscillations at the
frequency set by RT, then the slope compensation will be
sufficient for all synchronization frequencies.
FB Resistor Network
The output voltage is programmed with a resistor divider
between the output and the FB pin. Choose the resistor
values according to E1.
R1=R2
VOUT
0.6V
–1
⎛
⎝⎜
⎞
⎠⎟
(1)
Reference designators refer to the Block Diagram.
1% resistors are recommended to maintain output
voltage accuracy.
When using large FB resistors, a 4.7pF to 47pF phase-lead
capacitor should be connected from VOUT to FB.
Setting the Switching Frequency
The LT8638S uses a constant frequency PWM architec-
ture that can be programmed to switch from 200kHz to
3MHz by using a resistor tied from the RT pin to ground. A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com