Electronic Components Datasheet Search
  English  ▼

X  

LTC3355 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC3355
Description  20V 1A Buck DC/DC with Integrated SCAP Charger and Backup Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3355 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC3355 Datasheet HTML 7Page - Analog Devices LTC3355 Datasheet HTML 8Page - Analog Devices LTC3355 Datasheet HTML 9Page - Analog Devices LTC3355 Datasheet HTML 10Page - Analog Devices LTC3355 Datasheet HTML 11Page - Analog Devices LTC3355 Datasheet HTML 12Page - Analog Devices LTC3355 Datasheet HTML 13Page - Analog Devices LTC3355 Datasheet HTML 14Page - Analog Devices LTC3355 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
LTC3355-1
11
Rev. 0
For more information www.analog.com
OPERATION
CFB decays to 30mV below the CFB reference voltage
the charger will be turned on. The LTC3355-1 includes
a soft-start circuit to minimize the inrush current at the
start of charge. When the charger is enabled, the charge
current ramps from zero to full-scale over a period of
approximately 1ms. This has the effect of minimizing the
transient load current on VOUT.
The VCAP output also has an overvoltage protection cir-
cuit which monitors the CFB voltage. If the CFB voltage
increases above the CFB reference voltage by 35mV a
hysteretic comparator switches in an 8k resistor from
VCAP to ground. This will bleed any excess charge from
the supercapacitor. When the CFB voltage decays to the
CFB reference voltage the comparator will remove the
8k bleed resistor. Excess charge can come from leakage
currents associated with the boost rectifier diode.
VIN Status Monitor
The PFI input always monitors the VIN voltage and deter-
mines when VIN is in dropout. VIN is divided down by an
external resistor divider and this voltage is then compared
to a reference voltage of 0.8V. If the PFI voltage is below
the reference voltage the buck regulator and the charger
will be disabled and the boost regulator will be enabled.
Thermal Regulation
As the die temperature increases due to internal power
dissipation, a thermal regulator will limit the die tem-
perature to 110°C by reducing the charger current. The
thermal regulation protects the LTC3355-1 from exces-
sive temperature and allows the user to push the limits
of the power handling capability of a given circuit board
without the risk of damaging the LTC3355-1. Another
feature is that the charge current can be set according
to typical, rather than worst-case ambient tempera-
tures for a given application with the assurance that the
charger will automatically reduce the charge current in
worst-case conditions.
Thermal Shutdown
The LTC3355-1 includes a thermal shutdown circuit in
addition to the thermal regulator. If for any reason, the die
temperature exceeds 155°C, the entire part shuts down.
The part will resume normal operation once the tempera-
ture drops about 15°C, to approximately 140°C.
VOUT Overvoltage, Undervoltage Lockout
The LTC3355-1 includes an overvoltage protection circuit
to ensure that VOUT does not exceed 5.65V (nominal).
An internal resistor divider from VOUT is connected to an
amplifier that will regulate VOUT as the overvoltage limit
is reached. The LTC3355-1 includes undervoltage lockout
which disables the boost when VOUT is < 2V typical.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com