Electronic Components Datasheet Search
  English  ▼

X  

LT4356 Datasheet(PDF) 16 Page - Analog Devices

Part # LT4356
Description  Low Quiescent Current Surge Stopper with 9m廓 MOSFET
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4356 Datasheet(HTML) 16 Page - Analog Devices

Back Button LT4356 Datasheet HTML 12Page - Analog Devices LT4356 Datasheet HTML 13Page - Analog Devices LT4356 Datasheet HTML 14Page - Analog Devices LT4356 Datasheet HTML 15Page - Analog Devices LT4356 Datasheet HTML 16Page - Analog Devices LT4356 Datasheet HTML 17Page - Analog Devices LT4356 Datasheet HTML 18Page - Analog Devices LT4356 Datasheet HTML 19Page - Analog Devices LT4356 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LTC4381
16
Rev. 0
For more information www.analog.com
Ignoring the supply current (ICC), the VCC potential at the
end of cold crank is given by Equation 12.
VCC = (VIN(NOM) – VIN(LOW))•
e
–t
R1•C1 + VIN(LOW) (12)
where VIN(NOM) is the input voltage before the cold crank
starts, VIN(LOW) is the lowest input voltage during cold
crank, and t is the duration of the cold crank.
With the combination of R1 (10kΩ) and C1 (6.8µF), VCC
drops to 8V after the input voltage drops from 12V to 3V
for 40ms. During this time GATE stays high, keeping the
MOSFET on to continue providing current to the output.
Shutdown
The LTC4381 can be shut down to a lower current mode
by pulling the ON pin below the shutdown threshold of
1.05V. The quiescent current drops down to 5µA. An
external Zener diode from the input supply to the ON pin
can be used to implement undervoltage lockout, as illus-
trated in Figure 7. The UV threshold is the Zener voltage
plus 1.05V.
Figure 5. Recommended PCB Layout
4381 F05
SRC
SRC
OUT
IN
The ON pin can be pulled up to 80V or below GND by up
to 60V without damage. Leaving the pin open allows an
internal resistor to pull it up and turn on the part. The leak-
age current at the pin should be limited to no more than
1µA if no pull-up device is used to help turn on the part.
Layout Considerations
To achieve accurate current sensing, use Kelvin connec-
tions to the current sense resistor (RSNS in Figure 5).
The minimum trace width for 1oz copper foil is 0.02" per
amp to ensure the trace stays at a reasonable tempera-
ture. 0.03" per amp or wider is recommended. Note that
1oz copper exhibits a sheet resistance of about 530µΩ/
square. Small resistances can cause large errors in high
current applications. During an overvoltage event, the
LTC4381 clamps the gate of the pass MOSFET to limit
the output voltage at an acceptable level. The load circuitry
may continue operating throughout this interval, but only
at the expense of dissipation in the MOSFET pass device.
The power dissipated in the MOSFET could be as high as
140W. To remove this heat, solder the IN exposed pad to
a copper trace that contains vias underneath the pad. The
SRC pins also conduct substantial heat from the MOSFET.
Connect all the SRC pins to a plane of 1oz or 2oz copper.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com