Electronic Components Datasheet Search
  English  ▼

X  

LT4356 Datasheet(PDF) 3 Page - Analog Devices

Part # LT4356
Description  Low Quiescent Current Surge Stopper with 9m廓 MOSFET
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4356 Datasheet(HTML) 3 Page - Analog Devices

  LT4356 Datasheet HTML 1Page - Analog Devices LT4356 Datasheet HTML 2Page - Analog Devices LT4356 Datasheet HTML 3Page - Analog Devices LT4356 Datasheet HTML 4Page - Analog Devices LT4356 Datasheet HTML 5Page - Analog Devices LT4356 Datasheet HTML 6Page - Analog Devices LT4356 Datasheet HTML 7Page - Analog Devices LT4356 Datasheet HTML 8Page - Analog Devices LT4356 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTC4381
3
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = OUT = SNS = DRN = 12V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX UNITS
DC Characteristics
VIN
Input Voltage Range
(Note 7)
l
4
80
V
VCC
Operating Voltage Range
LTC4381-1/LTC4381-2 (Note 7)
LTC4381-3/LTC4381-4 (Note 7, 8)
l
l
4
4
80
72
V
V
VOUT
Operating Voltage Range
VCC = OUT = SNS = DRN = 12V
l
72
V
IQ
Total Supply Current, ON
(Note 6)
C-Grade and I-Grade
H-Grade
l
l
6
12
20
µA
µA
VCC = OUT = SNS = DRN = 4V
l
18
35
µA
ICC
VCC Current, Shutdown
ON = OUT = SNS = 0V
l
5
10
µA
VCC Current, ON
VCC = OUT = SNS = DRN = 12V
l
4
12
µA
VCC = OUT = SNS = DRN = 4V
l
16
30
µA
IIN
IN pin Leakage Current
VIN = 24V, VGFET = VSRC = 0V, ON = 0V
l
10
µA
IR
Reverse Input Current
VCC = –60V, ON Open, SEL = 0V
VCC = ON = SEL = –60V
l
l
0
–1
–2
–5
mA
mA
RON
MOSFET On-Resistance
IN = VCC = 8V, 12V, ISRC = –1A, IGATE = –1µA
l
9
13
28
mΩ
SOA
MOSFET Safe Operating Area
VIN – VSRC = 70V, 1A, 10W√s
20
ms
SNS, OUT, SEL, ON, DRN
ISNS
SNS Current, ON
l
0.5
1.4
µA
IOUT, ON
OUT Current, ON
l
1.5
5.5
µA
IOUT, SD
OUT Current, Shutdown
C-Grade and I-Grade
H-Grade
l
l
6
12
80
µA
µA
∆VSNS
Current Limit Sense Voltage
(SNS – OUT)
VCC = 12V, 24V, OUT = 6V, 12V
VCC = 12V, 24V, OUT = 0V
l
l
45
40
50
62
55
95
mV
mV
ISEL
SEL Input Current
SEL = 0V to 80V
l
±0.1
µA
VSEL
SEL Input Threshold
l
0.4
3
V
ION
ON Input Current
VON = 1V
l
–1
–2
–4
µA
VON
ON Input Threshold
ON Rising
l
0.99
1.05
1.1
V
VON(HYST)
ON Input Hysteresis
45
mV
∆VDRN
DRN Voltage (DRN – OUT)
IDRN = 0.1mA
l
0.7
2.25
2.6
V
VDS(MAX)
Overvoltage VDS Threshold
(DRN – OUT)
TMR = 0.8V, IDRN = 2µA
l
0.58
0.3
0.7
0.8
1.0
V
V
SRC, GATE, FLT, TMR
VSRC
SRC Voltage Output Clamp
VIN = VCC = 80V, SEL = 0V, IOUT = –10mA, LTC4381-1/LTC4381-2
VIN = VCC = 80V, SEL = VCC, IOUT = –10mA, LTC4381-1/LTC4381-2
VIN = 80V, VCC = 12V, IOUT = –10mA, LTC4381-3/LTC4381-4
VIN = 80V, VCC = 24V, IOUT = –10mA, LTC4381-3/LTC4381-4
l
l
l
l
25.5
43.5
19.0
31.0
28.5
47.0
22.5
34.5
31.5
50.5
26.0
38.0
V
V
V
VGFET(TH)
MOSFET Threshold
ISRC = –10mA
l
1
3
4.6
V
∆VGATE
GATE Drive (GATE – OUT)
SEL = SNS = OUT = VCC, 8V ≤ VCC ≤ 30V
l
10
11.1
14
V
∆VCLAMP
GATE Clamp to VCC (GATE – VCC) SNS = OUT = 20V, IGATE = 0µA
l
12
13.5
15.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com