Electronic Components Datasheet Search
  English  ▼

X  

LT3750 Datasheet(PDF) 16 Page - Analog Devices

Part # LT3750
Description  20V 1A Buck DC/DC with Integrated SCAP Charger and Backup Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3750 Datasheet(HTML) 16 Page - Analog Devices

Back Button LT3750 Datasheet HTML 10Page - Analog Devices LT3750 Datasheet HTML 11Page - Analog Devices LT3750 Datasheet HTML 12Page - Analog Devices LT3750 Datasheet HTML 13Page - Analog Devices LT3750 Datasheet HTML 14Page - Analog Devices LT3750 Datasheet HTML 15Page - Analog Devices LT3750 Datasheet HTML 16Page - Analog Devices LT3750 Datasheet HTML 17Page - Analog Devices LT3750 Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
LTC3355-1
16
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
High Temperature Considerations
The PCB must provide heat sinking to keep the LTC3355-1
cool. The exposed pad on the bottom of the package
may be soldered to a copper area which should be tied
to large copper layers below with thermal vias; these
layers will spread the heat dissipated by the LTC3355-
1. Place additional vias to reduce thermal resistance
further. With these steps, the thermal resistance from
the die (or junction) to ambient can be reduced to
θJA = 47°C/W or less. With 100 LFPM airflow, this resis-
tance can fall by another 25%.
The LTC3355-1 has two thermal circuits. The first ther-
mal circuit is operational when the buck and charger
are enabled. If the die temperature exceeds 110°C the
charge current will be reduced. When the LTC3355-1 is in
boost mode the high current thermal shutdown will turn
the boost off when the die temperature reaches 155°C.
The high temperature shutdown is active in all modes
of operation.
TYPICAL APPLICATIONS
Tantalum Capacitor Charger and Ride-Through Backup Supply
R6
1M
R5
604k
C1
1µF
VINS
VIN
CCAP
1µF
CVIN
10µF
CIN
10µF
5V
1000µF
6.3V
TANT
47µF
VOUT
5V
10mA
VIN
12V
RS
1
R7
2.49M
R8
200k
R1
523k
R2
100k
D2
D1
4
5
7
VINM5
6
PFI
BUCK
PFO
BOOST
SW1
L1
6.8µH
L2 3.3µH
15
VOUT
2
FB
14
VCAP
16
17
11
SW2
CFB
19
20
VCBST
IBSTPK
12
ICHG
LTC3355-1
18
INTVCC
R3
1.05M
R4
200k
33551 TA02
RC
154k
CC
220pF
1
+
8
3
EN_CHG
GND
21 GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com