Electronic Components Datasheet Search
  English  ▼

X  

LTC4359 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC4359
Description  Low Quiescent Current Surge Stopper with 9m廓 MOSFET
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4359 Datasheet(HTML) 4 Page - Analog Devices

  LTC4359 Datasheet HTML 1Page - Analog Devices LTC4359 Datasheet HTML 2Page - Analog Devices LTC4359 Datasheet HTML 3Page - Analog Devices LTC4359 Datasheet HTML 4Page - Analog Devices LTC4359 Datasheet HTML 5Page - Analog Devices LTC4359 Datasheet HTML 6Page - Analog Devices LTC4359 Datasheet HTML 7Page - Analog Devices LTC4359 Datasheet HTML 8Page - Analog Devices LTC4359 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTC4381
4
Rev. 0
For more information www.analog.com
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into device pins are positive; all currents out of
device pins are negative. All voltages are referenced to GND unless
otherwise specified.
Note 3: Internal clamps limit the DRN pin to a minimum of 10V above the
OUT and SNS pins.
Note 4: Internal clamps limit the GATE pin to a minimum of 10V above the
OUT pin or VCC pin, or 50V (SEL = VCC) or 31.5V (SEL = GND) above the
GND pin (LTC4381-1/LTC4381-2). Driving this pin to voltages beyond the
clamp may damage the device.
Note 5: IN ABS MAX is rated at 25°C to 125°C only.
Note 6: Total supply current is the sum of the current into the VCC, OUT,
SNS and DRN pins.
Note 7: The LTC4381 can operate through the cold crank down to 4V in
automotive applications, wheres VCC is powered with a 12V supply initially
and stays above 8V during the cold crank period.
Note 8: Operating voltage is limited by the maximum GATE voltage of 86V.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX UNITS
VGATE
GATE Clamp to GND
VCC = 30V, SEL = 0V, LTC4381-1/LTC4381-2
VCC = 60V, SEL = VCC, LTC4381-1/LTC4381-2
l
l
30
47.5
31.5
50
33
52.5
V
V
IGATE(UP)
GATE Pull-Up Current
VCC = GATE = OUT = 12V, 24V
l
–8.5
–20
–35
µA
IGATE(DN)
GATE Pull-Down Current
Overcurrent
Shutdown
Input UV
Fault Time Out
∆VSNS = 200mV, GATE = 12V, OUT = 0V
ON = 0V, GATE = 20V
VCC = 1.5V, GATE = 10V
TMR = 2V, GATE = 10V
l
l
l
l
50
0.3
2
1.5
100
5
5
3.5
mA
mA
mA
mA
IFLT
FLT Leakage Current
FLT = 80V
l
2
µA
VFLT(LOW)
FLT Output Low
ISINK = 0.1mA
ISINK = 3mA
l
l
0.1
1
0.5
4
V
V
ITMR(DN)
TMR Pull-Down Current
TMR = 0.8V
l
1.2
1.6
2.75
µA
ITMR(UP, COOL) TMR Pull-Up Current, Cool Down TMR = 2V
l
–1
–2
–3
µA
ITMR(UP)
TMR Pull-Up Current, Overvoltage
Small OV, Light Load
High OV, Light Load
Small OV, Heavy Load
High OV, Heavy Load
TMR = 0.8V, OUT = 11V, VDS = 1.1V, ∆VSNS = 0mV
OUT = 28V, TMR = 0.8V
IDRN = 0.1mA, ∆VSNS = 10mV
IDRN = 1mA, ∆VSNS = 10mV
IDRN = 0.1mA, ∆VSNS = 40mV
IDRN = 1mA, ∆VSNS = 40mV
l
l
l
l
l
–0.7
–3.5
–13
–10
–60
–1.6
–6.7
–30
–20
–120
–2.4
–12
–61
–30
–180
µA
µA
µA
µA
µA
TMR Pull-Up Current, Overcurrent
Small OV, Light Load
High OV, Light Load
Small OV, Heavy Load
High OV, Heavy Load
TMR = 0.8V
IDRN = 0mA, OUT = 11V
IDRN = 0mA, OUT = 0V
IDRN = 0.1mA, OUT = 11V
IDRN = 1mA, OUT = 11V
IDRN = 0.1mA, OUT = 0V
IDRN = 1mA, OUT = 0V
l
l
l
l
l
l
–3
–16
–16
–80
–35
–130
–6
–24
–27
–142
–50
–170
–9
–36
–38
–206
–60
–220
µA
µA
µA
µA
µA
µA
VTMR(F)
TMR Gate Off Threshold
TMR Rising
l
1.178 1.215 1.251
V
AC Characteristics
D
Retry Duty Cycle; Overvoltage,
LTC4381-2/LTC4381-4
∆VSNS = 40mV, IDRN = 5µA, OUT = 28V, VCC = 29V
l
2.8
4.2
%
∆VSNS = 40mV, IDRN = 500µA, OUT = 28V, VCC = 80V
l
0.1
0.2
%
Retry Duty-Cycle; Overcurrent,
LTC4381-2/LTC4381-4
IDRN = 500µA
OUT = 0V
OUT = 6V
l
l
0.1
0.35
0.2
0.7
%
%
tON(ON)
Turn-On Propagation Delay
ON Steps from 0V to 1.5V, OUT = SNS = 0V
l
7.5
25
ms
tOFF(ON)
Turn-Off Propagation Delay
ON Steps from 1.5V to 0V, OUT = SNS = VCC
l
1
5
µs
tOFF(OC)
Overcurrent Turn-Off
Propagation Delay
∆VSNS Steps from 0V to 250mV, OUT = 6V
l
2
4
µs
∆VSNS Steps from 0V to 250mV, OUT = 0V
l
2
4
µs
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = OUT = SNS = DRN = 12V, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com