Electronic Components Datasheet Search
  English  ▼

X  

LTC4359 Datasheet(PDF) 17 Page - Analog Devices

Part # LTC4359
Description  Low Quiescent Current Surge Stopper with 9m廓 MOSFET
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4359 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTC4359 Datasheet HTML 13Page - Analog Devices LTC4359 Datasheet HTML 14Page - Analog Devices LTC4359 Datasheet HTML 15Page - Analog Devices LTC4359 Datasheet HTML 16Page - Analog Devices LTC4359 Datasheet HTML 17Page - Analog Devices LTC4359 Datasheet HTML 18Page - Analog Devices LTC4359 Datasheet HTML 19Page - Analog Devices LTC4359 Datasheet HTML 20Page - Analog Devices LTC4359 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
LTC4381
17
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 6. Design Example 1: 12V/1A Application Survives 100V, 2ms OV Transient
Design Example 1
As a design example, take an application with the follow-
ing specifications: VIN = 10V to 14VDC with a transient
of 100V and duration of 2ms, VOUT ≤ 20V and cold crank
to 3V for 40ms. Maximum load of 1A.
To clamp VOUT to less than 20V, the required VCC clamp
is given by Equation 13.
VCC (Clamp) = VOUT – 10.5V
= 20V – 10.5V = 9.5V
(13)
The selection of a 7.5V Zener diode for D1 limits the
voltage at the VOUT to less than 20V during a 100V surge.
The minimum required voltage at the VCC pin is 4V when
VIN is at 10V; the VCC pin input current is less than 30μA.
The maximum value for R1 to ensure proper operation is
given by Equation 14.
R1=
Min VIN – Min VCC
Supply Current
=
10V – 4V
30µA
= 200kΩ (14)
We used R1 of 100k to cover all condition.
The maximum current through R1 into D1 during tran-
sients is then calculated using Equation 15.
ID1 =
100V – 7.5V
100kΩ
= 0.925mA
(15)
CMHZ5236B can handle 500mW indefinitely and 1W for 1
second. The VCC pin needs at least 4V to operate through
cold crank from 12V down to 3V for 40ms. The value of
C1 can be calculated by Equation 16.
C1 =
–40ms
100kΩ •In (4.5)
= 0.266µF
(16)
0.33μF is chosen to accommodate for the supply current
of the part and other conditions. With C1 = 0.33μF and
R1 = 100kΩ, high voltage transients up to 100V with a
pulse width of less than 2ms are filtered out at the VCC
pin. Longer surges are suppressed by D1.
RDRN is chosen to produce a current into the DRN pin of
1mA, during the maximum overvoltage transient event
(Equation 17). VOUT is clamped to 7.5V + 10.5V or 18V.
RDRN =
100V – 18V
1mA
= 82kΩ
(17)
82.5kΩ is chosen as the next bigger value. The GATE pin
pull-up current is 20µA typically, it takes a while to pull
the GATE pin high during input transient. So the MOSFET
sees a larger VDS initially and the worst case P√t occur
RSNS
40m
R2
33
R1
100k
RDRN
82.5k
R3
10
C1
0.33µF
CTMR
220nF
C2
47nF
COUT
22µF
D1
7.5V
IN
DRN
ON
VCC
SEL
GND
4381 F06
TMR
SRC
SNS
OUT
LTC4381-4
GATE
GFET
VIN
12V
FLT
12V/1A OUTPUT
CLAMPED AT 20V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com