Electronic Components Datasheet Search
  English  ▼

X  

LTM8049 Datasheet(PDF) 6 Page - Analog Devices

Part # LTM8049
Description  EN55022B Compliant 40V, Dual 4A or Single 8A Step-Down or 50W Inverting 關Module Regulator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8049 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTM8049 Datasheet HTML 2Page - Analog Devices LTM8049 Datasheet HTML 3Page - Analog Devices LTM8049 Datasheet HTML 4Page - Analog Devices LTM8049 Datasheet HTML 5Page - Analog Devices LTM8049 Datasheet HTML 6Page - Analog Devices LTM8049 Datasheet HTML 7Page - Analog Devices LTM8049 Datasheet HTML 8Page - Analog Devices LTM8049 Datasheet HTML 9Page - Analog Devices LTM8049 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
LTM4655
6
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified internal
operating temperature range (Note 2). Specified as each individual output channel (Note 5). TA = 25°C, Test Circuit 1 (positive-VOUTn+,
noninverting step-down configuration with VOUTn– = GND), VINn = SVINn = 36V, EXTVCCn = 24V, RUNn = 3.3V, RISETn = 480k, RfSETn+ =
57.6kΩ, fSWn = 1.5MHz (CLKINn driven with 1.5MHz clock signal) and voltages referred to GND unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tPGOODn(DELAY)
PGOOD
n Delay
PGOOD
n Low to High (Note 4)
PGOOD
n High to Low (Note 4)
16/fSW(Hz)
64/fSW(Hz)
s
s
Current Monitor and Input Voltage Regulation Pins
hIMONna
IOUTn+/IIMONna
Ratio of VOUTn+ Output Current to IIMONna
Current, IOUTn+ = 4A
l
36
40
44
k
IOSn(IMON)
IIMONna Offset Current
IIMONna at IOUTn+ = 0A
–5
5
μA
IMON
nb Resistor
Resistor Between IMON
nb and SVOUTn–
9.8
10
10.2
kΩ
VIMONna
IMON
na Servo Voltage
IMON
na Voltage During Output Current
Regulation
l
1.9
2.0
2.1
V
VVINREGn
VINREGn Servo Voltage
VINREG
n Voltage During Output Current
Regulation
l
1.8
2.0
2.2
V
IVINREGn
VINREGn Leakage Current
VINREG
n = 2V
1
nA
INTVCCn Regulator
VINTVCCn
Channel Internal VCC Voltage, No
INTVCCn Loading (IINTVCCn = 0mA)
3.6V ≤ SVINn ≤ 40V, EXTVCCn Open Circuit
5V ≤ SVINn ≤ 40V, 3.2V ≤ EXTVCCn ≤ 26.5V
3.15
2.85
3.4
3.0
3.65
3.15
V
V
VEXTVCCn(TH)
EXTVCCn Switchover Voltage
(Note 4)
3.15
V
∆VINTVCCn(LOAD)/
VINTVCCn
INTVCCn Load Regulation
0mA ≤ IINTVCCn ≤ 30mA
–2
0.5
2
%
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX UNITS
SVINn(DC), VINn(DC)
Input DC Voltage in
Negative-VOUT– Configuration
VINn+ |VOUTn–| ≤ 40V
l
3.6
40
V
VOUTn(RANGE)–
Range of Negative Output Voltage
Regulation
0.5V ≤ ISET
na–SVOUTn– ≤ 26.5V
l
–26.5
–0.5
V
VOUTn(–24VDC)–
Output Voltage Total Variation with Line
and Load at VOUTn– = –24V
3.6V ≤ VINn ≤ 16V, 0A ≤ IOUTn– ≤ 0.3A, CLKINn
Driven per Note 8, CINHn = 4.7μF, CDn = 4.7μF × 2,
COUTHn = 47μF × 2
l
–24.4
–24
–23.6
V
VOUTn(–5VDC)–
Output Voltage Total Variation with Line
and Load at VOUTn– = –5V
Measuring VOSNSn+ – ISETna, 12V ≤ VINn ≤ 35V,
0A ≤ IOUT– ≤ 3A, CLKINn Driven by 550kHz Clock,
CINHn = 4.7μF, CDn = 4.7μF × 2, COUTHn = 47μF ×
2, ISET
na–SVOUTn– = 5V
l
–15
0
15
mV
RSVINFn
Resistor Between SVINn and SVINFn
1
Ω
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified internal
operating temperature range (Note 2). Specified as each individual output channel (Note 5). TA = 25°C, Test Circuit 2 (negative-
VOUTn–, inverting buck-boost configuration with VOUTn+ = GND), VINn = 12V and electrically connected to SVINn, RUNn–GND = 3.3V,
ISET
na–SVOUTn– = 24V, EXTVCCn = GND, CLKINn open circuit, RfSETn = 57.6kΩ and RISETn = 480kΩ and voltages referred to GND
unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com