Electronic Components Datasheet Search
  English  ▼

X  

LTM8049 Datasheet(PDF) 29 Page - Analog Devices

Part # LTM8049
Description  EN55022B Compliant 40V, Dual 4A or Single 8A Step-Down or 50W Inverting 關Module Regulator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8049 Datasheet(HTML) 29 Page - Analog Devices

Back Button LTM8049 Datasheet HTML 25Page - Analog Devices LTM8049 Datasheet HTML 26Page - Analog Devices LTM8049 Datasheet HTML 27Page - Analog Devices LTM8049 Datasheet HTML 28Page - Analog Devices LTM8049 Datasheet HTML 29Page - Analog Devices LTM8049 Datasheet HTML 30Page - Analog Devices LTM8049 Datasheet HTML 31Page - Analog Devices LTM8049 Datasheet HTML 32Page - Analog Devices LTM8049 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 54 page
background image
LTM4655
29
Rev. 0
For more information www.analog.com
Hot Plugging Safely
The small size, robustness and low impedance of ceramic
capacitors make them an attractive option for the input
bypass capacitors (CDn and CINHn) of the LTM4655.
However, these capacitors can cause problems if the
LTM4655 is plugged into a live supply (see Analog Devices
Application Note 88 for a complete discussion). The low
loss ceramic capacitor combined with stray inductance in
series with the power source forms an under damped tank
circuit, and the voltage at the VINn pin of the LTM4655 can
ring to twice the nominal input voltage, possibly exceed-
ing the LTM4655’s rating and damaging the part. If the
input supply is poorly controlled or the user will be plug-
ging the LTM4655 into an energized supply, the input
network should be designed to prevent this overshoot by
introducing a damping element into the path of current
flow. This is often done by adding an inexpensive elec-
trolytic bulk capacitor (CINLn) across the input terminals
of the LTM4655. The selection criteria for CINLn calls for:
an ESR high enough to damp the ringing; a capacitance
value several times larger than CINHn; a suitable ripple cur-
rent rating. CINLn does not need to be located physically
close to the LTM4655; it should be located close to the
application board’s input connector, instead.
Input Disconnect/Input Short Considerations
If at any point the input supply is removed with the output
voltage still held high through its capacitor, power will be
drawn from the output capacitor to power the module,
until the output voltage drops below the minimum SVINn/
VINn requirements of the module.
However, if the SVINn/VINn pins are grounded while the
output is held high, regardless of the RUN
n state, para-
sitic body diodes inside the LTM4655 will pull current
from the output through the VOUTn+ pins. Depending on
the size of the output capacitor and the resistivity of the
short, high currents may flow through the internal body
diode, and cause damage to the part. If discharge of
SVINn/VINn by the input source is possible, preventative
measures should be taken to prevent current flow through
the internal body diode. Simple solutions would be plac-
ing a Schottky diode in series with the supply (Figure 3),
or placing a Schottky diode from VOUTn+ to SVINn/VINn
APPLICATIONS INFORMATION
Figure 3. Schottky Diode in Series with the Supply
Figure 4. Schottky Diode from VOUTn+ to VINn
CINHn
ZDn
OPT
4.7µF
VINn
SVINn
VINn
LTM4655
4655 F03
CINHn
4.7µF
COUTn
47µF
VINn
SVINn
VINn
VOUTn
VOUTn+
LTM4655
4655 F04
(Figure 4). Applications with loads that experience large
load-step release, load dump or other mechanisms that
invoke reverse energy flow in the Figure 3 circuit may
need a suitably-rated Zener diode protection clamp, to
limit the resulting transient voltage rise on SVINn/VINn
and CINHn.
INTVCCn and EXTVCCn Connection
When RUN
n is logic high, an internal low dropout regula-
tor regulates an internal supply, INTVCCn, that powers the
control circuitry for driving LTM4655’s channel
n internal
MOSFETs. INTVCCn is regulated at 3.3V. In this manner,
the LTM4655’s INTVCCn is directly powered from SVINn,
by default. The gate driver current through the INTVCCn
LDO is about 20mA for a typical 1MHz application. The
internal LDO power dissipation can be calculated as
shown in Equation 16.
PLDO_LOSSn(INTVCC) = 20mA •(SVINn− − VOUTn− –3V)
(16)
The LDO draws current off of EXTVCCn instead of SVINn
when EXTVCCn–VOUTn– exceeds 3.2V and SVINn–SVOUTn–
exceeds 5V. For output voltages of 4V and higher, EXTVCCn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com