Electronic Components Datasheet Search
  English  ▼

X  

LTM8078 Datasheet(PDF) 2 Page - Analog Devices

Part # LTM8078
Description  Quad 40VIN, Silent Switcher 關Module Regulator with Configurable 3A Output Array
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8078 Datasheet(HTML) 2 Page - Analog Devices

  LTM8078 Datasheet HTML 1Page - Analog Devices LTM8078 Datasheet HTML 2Page - Analog Devices LTM8078 Datasheet HTML 3Page - Analog Devices LTM8078 Datasheet HTML 4Page - Analog Devices LTM8078 Datasheet HTML 5Page - Analog Devices LTM8078 Datasheet HTML 6Page - Analog Devices LTM8078 Datasheet HTML 7Page - Analog Devices LTM8078 Datasheet HTML 8Page - Analog Devices LTM8078 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTM8060
2
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VINn, RUNn, PGn ......................................................42V
VOUTn, BIASn, AUXn ................................................10V
FB
n, TRSSn, SHAREn, RTn .......................................4V
(Note 1)
BGA PACKAGE
165-LEAD (11.9mm × 16mm × 3.32mm)
TJMAX = 125°C, θJA = 9°C/W, θJCtop = 4.2°C/W,
θJCbot = 1.6°C/W, WEIGHT = 1.98g
θ VALUES DETERMINED PER JEDEC 51 CONDITIONS;
θJA VALUE IS OBTAINED WITH DEMO BOARD
BANK3
VOUT2
BANK1
VOUT3
BANK7
VOUT4
BANK5 VIN34
BANK4
VIN2
BANK6
VIN1
BANK8
VOUT1
GND
SHARE3
SHARE4
FB1
RT12 TRSS2 TRSS1
FB2
SHARE2
SHARE1
AUX2 BIAS12 AUX1
7
6
8
9
10
11
5
4
3
2
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
RUN2 RUN1
SYNC12
PG2
DNC
PG1
CLKOUT12
BIAS34 AUX4
AUX3
TRSS4 RT34
FB4
FB3
TRSS3
PG4 CLKOUT34
DNC
PG3
RUN4 SYNC34
RUN3
BANK2
TOP VIEW
ORDER INFORMATION
PART NUMBER
BALL FINISH
PART MARKING*
PACKAGE
TYPE
MSL
RATING
TEMPERATURE RANGE
(SEE NOTE 2)
DEVICE
FINISH CODE
LTM8060IY#PBF
SAC305 (RoHS)
LTM8060Y
e1
BGA
3
–40°C to 125°C
LTM8060IY
SnPb (63/37)
e0
–40°C to 125°C
• Device temperature grade is indicated by a label on the shipping container.
• Pad code is per IPC/JEDEC J-STD-609.
• BGA Package and Tray Drawings
• This product is not recommended for second side reflow.
This product is moisture sensitive. For more information, go to
Recommended BGA PCB Assembly and Manufacturing Procedures.
SYNC
n .......................................................................6V
Maximum Internal Temperature (Note 2) .............. 125°C
Storage Temperature ............................. –55°C to 125°C
Peak Solder Reflow Package Body Temperature .. 245°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com