Electronic Components Datasheet Search
  English  ▼

X  

LTM8078 Datasheet(PDF) 3 Page - Analog Devices

Part # LTM8078
Description  Quad 40VIN, Silent Switcher 關Module Regulator with Configurable 3A Output Array
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8078 Datasheet(HTML) 3 Page - Analog Devices

  LTM8078 Datasheet HTML 1Page - Analog Devices LTM8078 Datasheet HTML 2Page - Analog Devices LTM8078 Datasheet HTML 3Page - Analog Devices LTM8078 Datasheet HTML 4Page - Analog Devices LTM8078 Datasheet HTML 5Page - Analog Devices LTM8078 Datasheet HTML 6Page - Analog Devices LTM8078 Datasheet HTML 7Page - Analog Devices LTM8078 Datasheet HTML 8Page - Analog Devices LTM8078 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LTM8060
3
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTM8060E is guaranteed to meet performance specifications
from 0°C to 125°C internal. Specifications over the full –40°C to
125°C internal operating temperature range are assured by design,
characterization and correlation with statistical process controls.
The l denotes the specifications which apply over the specified operating
internal temperature range, otherwise specifications are at TA = 25°C. VINn = 12V, RUNn = 2V unless otherwise noted (Notes 2, 3).
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum VIN1 Input Voltage
Minimum VIN34 Input Voltage
Minimum VIN2 Input Voltage
VIN1 = 3V
l
l
l
3.0
3.0
2.0
V
V
V
Output DC Voltage
FB
n open
FB
n = 21.5kΩ
0.8
10
V
V
Maximum Output DC Current
(Note 4)
6
A
Quiescent Current into VINn
RUN
n = 0
BIAS
n = 5V, SYNCn = 3.3V, No load
7
8
μA
mA
Current into BIASn
RUN
n = 0, BIASn = 5V
BIAS
n = 5V, SYNCn = 3.3V, No load
18
0.5
μA
mA
Line Regulation
5V < VINn < 40V, IOUTn = 1A
0.05
%
Load Regulation
12VINn, 0.1A < IOUTn < 4A
0.1
%
Output RMS Ripple
3.3VOUTn, IOUTn = 4A
10
mV
FB
n Voltage
l
792
784
800
800
808
816
mV
mV
Current out of FB
n
VOUTn = 1V, FBn = 0V
4
μA
Minimum BIAS
n for Proper Operation
3.2
V
Switching Frequency
RT
n = 200kΩ
RT
n = 35.7kΩ
RT
n = 8.06kΩ
200
1
3
kHz
MHz
MHz
RUN
n Threshold
0.74
V
RUN
n Input Current
RUN
n = 0V
100
nA
PG
n Threshold at FBn
Lower Threshold
Upper Threshold
740
860
mV
mV
PG
n Output Sink Current
PG
n = 0.1V
100
μA
CLKOUT
n VOL
0.2
V
CLKOUT
n VOH
3.2
V
SYNC
n Input High Threshold
1.5
V
SYNC
n Input Low Threshold
0.8
V
SYNC
n Threshold to Enable Spread Spectrum
2.8
4.0
V
SYNC
n Current
SYNC
n = 6V
60
μA
TRSS
n Source Current
TRSS
n = 0V
2
μA
TRSS
n Pull-Down Resistance
Fault Condition, TRSS
n = 0.1V
200
Ω
The LTM8060I is guaranteed to meet specifications over the full –40°C
to 125°C internal operating temperature range. Note that the maximum
internal temperature is determined by specific operating conditions in
conjunction with board layout, the rated package thermal resistance and
other environmental factors.
Note 3:
n Represents each individual channel. Four outputs are tested
separately and the same testing condition is applied to each output.
Note 4: The maximum current out of any channel may be limited by the
internal temperature of the LTM8060. See output current derating curves
for different VIN, VOUT and TA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com