Electronic Components Datasheet Search
  English  ▼

X  

LTM8073 Datasheet(PDF) 13 Page - Analog Devices

Part # LTM8073
Description  Quad 40VIN, Silent Switcher 關Module Regulator with Configurable 3A Output Array
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8073 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTM8073 Datasheet HTML 9Page - Analog Devices LTM8073 Datasheet HTML 10Page - Analog Devices LTM8073 Datasheet HTML 11Page - Analog Devices LTM8073 Datasheet HTML 12Page - Analog Devices LTM8073 Datasheet HTML 13Page - Analog Devices LTM8073 Datasheet HTML 14Page - Analog Devices LTM8073 Datasheet HTML 15Page - Analog Devices LTM8073 Datasheet HTML 16Page - Analog Devices LTM8073 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LTM8060
13
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
For most applications, the design process is straight-
forward, summarized as follows:
1. Look at Table 1 and find the row that has the desired
input range and output voltage.
2. Apply the recommended CIN, COUT, RFB and RT values.
3. Connect BIAS as indicated.
When using the LTM8060 with different output voltages,
the higher frequency recommended by Table 1 will usu-
ally result in the best operation. While these component
combinations have been tested for proper operation, it is
incumbent upon the user to verify proper operation over
the intended system’s line, load and environmental condi-
tions. Bear in mind that the maximum output current is
limited by junction temperature, the relationship between
the input and output voltage magnitude and other fac-
tors. Please refer to the graphs in the Typical Performance
Characteristics section for guidance.
The maximum frequency (and attendant RT value) at
which the LTM8060 should be allowed to switch is given
in Table 1 in the Maximum fSW column, while the recom-
mended frequency (and RT value) for optimal efficiency
over the given input condition is given in the fSW column.
There are additional conditions that must be satisfied if
the synchronization function is used. Please refer to the
Synchronization section for details.
Set Output Voltage
The Output Voltage is programmed with a FB resistor
as shown in the Figure below. Choose the resistor value
according to Equation 1.
RFB =
249k
Ω
VOUT
0.8V
−1
(2)
1% resistor is recommended to maintain output voltage
accuracy.
249k
10pF
0.1µF
1.5µH
RFB
CURRENT MODE
CONTROLLER
0.8V
VOUT
FB
8060 F01
Figure 1. Set Output Voltage with a FB Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com