Electronic Components Datasheet Search
  English  ▼

X  

LTM8073 Datasheet(PDF) 21 Page - Analog Devices

Part # LTM8073
Description  Quad 40VIN, Silent Switcher 關Module Regulator with Configurable 3A Output Array
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8073 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTM8073 Datasheet HTML 17Page - Analog Devices LTM8073 Datasheet HTML 18Page - Analog Devices LTM8073 Datasheet HTML 19Page - Analog Devices LTM8073 Datasheet HTML 20Page - Analog Devices LTM8073 Datasheet HTML 21Page - Analog Devices LTM8073 Datasheet HTML 22Page - Analog Devices LTM8073 Datasheet HTML 23Page - Analog Devices LTM8073 Datasheet HTML 24Page - Analog Devices LTM8073 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LTM8060
21
Rev. 0
For more information www.analog.com
Figure 4. Graphical Representation of Thermal Coefficients, Including JESD51-12 Terms
Figure 5. 8.5V to 40V Input to 5V at 3A, 3.3V at 3A, 5V at 3A, and 3.3V at 3A
APPLICATIONS INFORMATION
8060 F04
µModule DEVICE
θJCtop JUNCTION-TO-CASE
(TOP) RESISTANCE
θJA JUNCTION-TO-AMBIENT RESISTANCE
CASE (TOP)-TO-AMBIENT
RESISTANCE
BOARD-TO-AMBIENT
RESISTANCE
θJCbot JUNCTION-TO-CASE
(BOTTOM) RESISTANCE
JUNCTION
AMBIENT
CASE (BOTTOM)-TO-BOARD
RESISTANCE
4.7µF
14.7k
47µF
47.5k
47µF
78.7K
14.7k
47µF
47.5k
47µF
78.7k
VIN1
RUN1
RT12
SYNC12
VIN2
RUN2
fSW = 2MHz
VOUT1
VIN
FB1
AUX1
BIAS12
GND
VOUT2
8.5V TO 40V
VIN34
RUN3
RT34
SYNC34
fSW = 2MHz
×4
VOUT1
5V
3A
VOUT3
FB3
GND
VOUT4
FB2
FB4
PINS NOT USED:
AUX2, AUX4, TRSS1,
TRSS2, TRSS3, TRSS4,
SHARE1, SHARE2,
SHARE3, SHARE4,
PG1, PG2, PG3,
PG4, CLKOUT12,
CLKOUT34
VOUT2
3.3V
3A
VOUT3
5V
3A
VOUT4
3.3V
3A
RUN4
AUX3
BIAS34
8060 F05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com