Electronic Components Datasheet Search
  English  ▼

X  

54AC573 Datasheet(PDF) 4 Page - Silicon Supplies

Part # 54AC573
Description  Advanced CMOS Logic
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54AC573 Datasheet(HTML) 4 Page - Silicon Supplies

  54AC573 Datasheet HTML 1Page - Silicon Supplies 54AC573 Datasheet HTML 2Page - Silicon Supplies 54AC573 Datasheet HTML 3Page - Silicon Supplies 54AC573 Datasheet HTML 4Page - Silicon Supplies 54AC573 Datasheet HTML 5Page - Silicon Supplies 54AC573 Datasheet HTML 6Page - Silicon Supplies 54AC573 Datasheet HTML 7Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Advanced CMOS Logic – 54AC573
DC Electrical Characteristics Continued (Voltages Referenced to GND)
Rev 1.0
19/3/2021
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
UNITS
FULL RANGE
4
25°C
85°C
3.0V
2.9
2.9
2.9
4.5V
4.4
4.4
4.4
5.5V
IOUT = -50µA
5.4
5.4
5.4
VIN = VIL or VIH
IOH = -12 mA
3.0V
2.56
2.46
2.40
4.5V
VIN = VIL or VIH
IOH = -24mA
5
3.86
3.76
3.70
5.5V
VIN = VIL or VIH
IOH = -24mA
5
4.86
4.76
4.70
Minimum High-Level
Output Voltage
VOH
V
5.5V
VIN = VIL or VIH
IOH = -50mA
6
-
-
3.85
3.0V
0.1
0.1
0.1
4.5V
0.1
0.1
0.1
5.5V
IOUT = 50µA
0.1
0.1
0.1
3.0V
VIN = VIH or VIL
│IOUT│≤ 12mA
0.36
0.44
0.5
4.5V
VIN = VIH or VIL
│IOUT│≤ 24mA
5
0.36
0.44
0.5
5.5V
VIN = VIH or VIL
│IOUT│≤ 24mA
5
0.36
0.44
0.5
Maximum Low-Level
Output Voltage
VOL
VIN = VIH or VIL
5.5V
│IOUT│50mA
6
-
-
1.65
V
Maximum Input
Leakage Current
IIN
5.5V
VIN = VCC or GND
±0.1
±1.0
±1.0
µA
Maximum 3-State
VOUT=VCC or GND
Leakage Current
IOZ
5.5V
VIN = VIL or VIH
±0.5
±2.5
±5
µA
IOLD
5.5V
VOLD = 1.65V Max
-
75
50
Minimum Dynamic
mA
Output Current
7
IOHD
5.5V
VOHD = 3.85V Min
-
-75
-50
Maximum Quiescent
VIN = VCC or GND
Supply Current
ICC
5.5V
IOUT = 0µA
8
80
160
µA
5. All outputs loaded; thresholds on input associated with output under test. 6. Test time 1sec max, measurement made by forcing indicated
current and measuring voltage to minimize power dissipation. Test verifies a minimum 75Ω transmission-line drive capability at 125°C 7.
Maximum test duration 2ms, one output loaded at a time
Page 4 of 7
www.siliconsupplies.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com