Electronic Components Datasheet Search
  English  ▼

X  

54AC573 Datasheet(PDF) 1 Page - Silicon Supplies

Part # 54AC573
Description  Advanced CMOS Logic
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54AC573 Datasheet(HTML) 1 Page - Silicon Supplies

  54AC573 Datasheet HTML 1Page - Silicon Supplies 54AC573 Datasheet HTML 2Page - Silicon Supplies 54AC573 Datasheet HTML 3Page - Silicon Supplies 54AC573 Datasheet HTML 4Page - Silicon Supplies 54AC573 Datasheet HTML 5Page - Silicon Supplies 54AC573 Datasheet HTML 6Page - Silicon Supplies 54AC573 Datasheet HTML 7Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Advanced CMOS Logic – 54AC573
8-bit transparent D-Type Latch with 3-State Outputs in bare die form
Rev 1.0
19/3/2021
Description
Features:
Outputs Source/Sink 24mA
Low input current: 1µA
3-State outputs
Outputs directly interface CMOS, NMOS and TTL
Operating voltage range: 2.0V to 6.0V
Lower power consumption & higher speed
Function compatible with 54HC573
Full military temperature range.
Ordering Information
The following part suffixes apply:
No suffix - MIL-STD-883 /2010B Visual Inspection
“H” - MIL-STD-883 /2010B Visual Inspection
+ MIL-PRF-38534 Class H LAT
Die Size (Unsawn)
1450 x 1650
57 x 65
µm
mils
Minimum Bond Pad Size
120 x 120
4.72 x 4.72
µm
mils
Die Thickness
350 (±20)
13.78 (±0.79)
µm
mils
Top Metal Composition
Al 1%Si 1.1µm
Back Metal Composition
N/A – Bare Si
“K” - MIL-STD-883 /2010A Visual Inspection (Space)
+ MIL-PRF-38534 Class K LAT
LAT = Lot Acceptance Test.
For further information on LAT process flows see below.
www.siliconsupplies.com\quality\bare-die-lot-qualification
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (100 per tray capacity)
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
Die Thickness <> 350µm(14 Mils) – On request
Assembled into Ceramic Package – On request
The 54AC573 consists of eight D-type transparent latches
fabricated using a 1.5µm 5V CMOS process to combine
high speed performance LSTTL performance with CMOS
low power consumption. Each latch is equipped with
separate D-Type inputs and 3-State outputs for bus
oriented applications. Data output changes asynchronously
and data may be latched even when the outputs are not
enabled. Inputs accept standard CMOS outputs or LSTTL
outputs using pull-up resistors. Inputs are also equipped
with protection circuits against static discharge and
transient excess voltage.
1450 (57)
Die Dimensions in µm (mils)
Page 1 of 7
www.siliconsupplies.com


Similar Part No. - 54AC573

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
54AC573 SS-54AC573 Datasheet
1Mb / 7P
Advanced CMOS Logic
Rev 1.0 19/3/2021
54AC573 SS-54AC573_V01 Datasheet
1Mb / 7P
Advanced CMOS Logic
Rev 1.0 19/3/2021
More results

Similar Description - 54AC573

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
74AC244 SS-74AC244 Datasheet
449Kb / 6P
Advanced CMOS Logic
54ACT08 SS-54ACT08 Datasheet
287Kb / 5P
Advanced CMOS Logic
74ACT08 SS-74ACT08 Datasheet
286Kb / 5P
Advanced CMOS Logic
54AC00 SS-54AC00 Datasheet
435Kb / 5P
Advanced CMOS Logic
54AC240 SS-54AC240 Datasheet
754Kb / 6P
Advanced CMOS Logic
74AC00 SS-74AC00 Datasheet
433Kb / 5P
Advanced CMOS Logic
74AC573 SS-74AC573 Datasheet
1Mb / 7P
Advanced CMOS Logic
54AC273 SS-54AC273 Datasheet
456Kb / 7P
Advanced CMOS Logic
Rev 1.0 07/12/2021
74AC240 SS-74AC240_V01 Datasheet
412Kb / 6P
Advanced CMOS Logic
Rev 1.1 30/11/21
74AC273 SS-74AC273 Datasheet
455Kb / 7P
Advanced CMOS Logic
Rev 1.0 07/12/2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com