Electronic Components Datasheet Search
  English  ▼

X  

54HC373 Datasheet(PDF) 2 Page - Silicon Supplies

Part # 54HC373
Description  High Speed CMOS Logic
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54HC373 Datasheet(HTML) 2 Page - Silicon Supplies

  54HC373 Datasheet HTML 1Page - Silicon Supplies 54HC373 Datasheet HTML 2Page - Silicon Supplies 54HC373 Datasheet HTML 3Page - Silicon Supplies 54HC373 Datasheet HTML 4Page - Silicon Supplies 54HC373 Datasheet HTML 5Page - Silicon Supplies 54HC373 Datasheet HTML 6Page - Silicon Supplies 54HC373 Datasheet HTML 7Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Page 2 of 7
www.siliconsupplies.com
d
High Speed CMOS Logic – 54HC373
Rev 1.0
10/03/21
Pad Layout and Functions
1460µm (57.48 mils)
0,0
Logic Diagram
DIE ID
9
10
11
12
13
14
15
16
17
18
19
20
2
3
4
5
6
7
7
1
COORDINATES (mm)
PAD
FUNCTION
X
Y
1
OE
0.1205
0.597
2
1Q
0.1205
0.3595
3
1D
0.1205
0.122
4
2D
0.413
0.1225
5
2Q
0.582
0.1225
6
3Q
0.7415
0.1225
7
3D
0.913
0.1225
8
4D
1.234
0.116
9
4Q
1.232
0.29
10
GND
1.232
0.51
11
LE
1.232
0.842
12
5Q
1.232
1.0795
13
5D
1.232
1.317
14
6D
0.9395
1.3165
15
6Q
0.7705
1.3165
16
7Q
0.611
1.3165
17
7D
0.4395
1.3165
18
8D
0.1185
1.323
19
8Q
0.1205
1.149
20
VCC
0.1205
0.929
CONNECT CHIP BACK TO VCC OR FLOAT
INPUTS
OUTPUT
OE
LE
D
Q
L
L
L
H
H
H
L
X
H
L
X
X
H
L
No Change
Z
H = High level (steady state)
L = Low level (steady state)
Z = High Impedance
X = Don’t care
Truth Table
Pad 10 = GND, Pad 20 = VCC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com