Electronic Components Datasheet Search
  English  ▼

X  

MPSA55 Datasheet(PDF) 2 Page - Silicon Supplies

Part # MPSA55
Description  PNP Transistor Bare Die
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

MPSA55 Datasheet(HTML) 2 Page - Silicon Supplies

  MPSA55 Datasheet HTML 1Page - Silicon Supplies MPSA55 Datasheet HTML 2Page - Silicon Supplies MPSA55 Datasheet HTML 3Page - Silicon Supplies MPSA55 Datasheet HTML 4Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Absolute Maximum Ratings T
A = 25°C unless otherwise stated
Rev 1.1
27/03/21
PNP Transistor Bare Die, MPSA55
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
-60
V
Collector-Emitter Voltage
VCEO
-60
V
Emitter-Base Voltage
VEBO
-4
V
Collector Current
IC
-500
mA
Junction Temperature
TJ
150
°C
Storage Temperature
Tstg
-55 to 150
°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
OFF CHARACTERISTICS
Collector-Base Breakdown Voltage
V(BR)CBO
IC = -100µA
-60
-
-
V
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC = -1mA
-60
-
-
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IE = -100µA
-5
-
-
V
Collector Cut-off Current
ICBO
VCB = -60V
-
-
-100
nA
Emitter Cut-off Current
ICEO
VEB = -60V
-
-
-100
nA
ON CHARACTERISTICS
VCE = -1V, IC = -10mA
100
-
-
-
Forward-Current Transfer Ratio
hFE
VCE = -1V, IC = -100mA
100
-
-
-
Collector-Emitter Saturation Voltage
VCE(sat)
IC = -100mA, IB = -10mA
-
-
-0.25
V
Base Saturation Voltage
VBE(sat)
IC = -100mA, VCE = -1V
-
-
-1.2
V
SMALL SIGNAL CHARACTERISTICS
1
Transition Frequency
fT
VCE = -1V, IC = -100mA, f = 100MHz
50
70
-
MHz
Output Capacitance
Cobo
VCB = -20V, IE = 0, f = 1MHz
-
3.5
-
pF
Electrical Characteristics T
A = 25°C unless otherwise stated
Note 1: Not production testing in die form. Characterized by chip design and tested in package LAT.
Typical Electrical Characteristics
Fig 2 - Collector-Emitter Saturation Voltage
versus Collector Current
Fig 1 - Typical Pulsed Current Gain versus
Collector Current
Page 2 of 4
www.siliconsupplies.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com