Electronic Components Datasheet Search
  English  ▼

X  

OPA2863 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2863
Description  OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output, Voltage-Feedback Amplifier
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2863 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA2863 Datasheet HTML 17Page - Texas Instruments OPA2863 Datasheet HTML 18Page - Texas Instruments OPA2863 Datasheet HTML 19Page - Texas Instruments OPA2863 Datasheet HTML 20Page - Texas Instruments OPA2863 Datasheet HTML 21Page - Texas Instruments OPA2863 Datasheet HTML 22Page - Texas Instruments OPA2863 Datasheet HTML 23Page - Texas Instruments OPA2863 Datasheet HTML 24Page - Texas Instruments OPA2863 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
8.3 Feature Description
8.3.1 Input Stage
The OPAx863 devices include a rail-to-rail input stage. The main stage differential pair using PNP bipolar
transistors operates for common-mode input voltages from VS–– 0.2 V till VS+ – 1.6 V. The amplifier inputs
transition into the auxiliary stage using NPN transistors for common-mode input voltages from VS+ – 1.6 V till VS+
+ 0.2 V. The PNP and NPN input stages offer a gain-bandwidth product of 50 MHz and a voltage noise density
of 5.9 nV/√ Hz. The offset voltage for the two input stages is matched to lie within the device specifications.
The NPN input stage does not use the slew boost circuit during large-signal transient response. The input bias
current for the PNP and NPN input stages is opposite in polarity, which adds an additional offset based on the
values of the gain-setting and feedback resistors. A common-mode input voltage transition between these input
stages will cause a crossover distortion which needs to be considered in high-frequency applications requiring
superior linearity. Limit the common-mode input voltage to VS+ – 1.6 V (maximum) for main-stage operation
across process and ambient temperature.
Since the OPAx863 devices are bipolar amplifiers, the two inputs are protected with anti-parallel back-to-back
diodes between them, which limits the maximum input differential voltage to 1 V. The amplifier is slew limited,
and the two inputs are pulled apart up to 1 V when the anti-parallel diodes begin to conduct in very fast input or
output transient conditions. Care must be taken to use gain-setting and feedback resistors large enough to limit
the current through these diodes in such conditions.
8.3.2 Output Stage
The OPAx863 devices feature a rail-to-rail output stage with possible signal swing from VS–+ 0.2 V to VS+– 0.2
V. Violating the output headroom to either of the supplies will cause output signal clipping and degrade linear
performance.
The OPAx863 devices integrate an output short-circuit protection circuit, which makes the device rugged for use
in real-world applications.
8.3.2.1 Overload Power Limit
The OPAx863 devices include overload power limiting which limits the increase in device quiescent current with
output saturated to either of the supplies. Typically, when an amplifier's output saturates, its two inputs are pulled
apart which may enable the slew boost circuit. The input differential voltage is an error voltage in negative
feedback, which the amplifier core nullifies by engaging the slew boost circuit and driving the output stage
deeper into saturation. Once the input to an amplifier attains a value large enough to saturate its output, any
further increase in this input excitation results in a finite input differential voltage. As the output stage transistor
is pushed deeper into saturation, its hFE (base-to-collector current gain) drops with increase in its base and
collector current, increasing the device quiescent current. This may cause a catastrophic failure in multi-channel,
high-gain, high-density front-end designs and reduce operating lifetime in portable battery powered systems. The
OPAx863 devices overload power limiting includes an intelligent output saturation detection circuit which limits
the device's quiescent current to 2.2-mA per channel under DC overload conditions. This increase in quiescent
current is smaller with AC input or output and output saturation duration for only a fraction of the overall signal
time period. Quiescent Current with Saturated Outputs compares the increase in quiescent current with 50 mV
input overdrive for OPAx863 devices and other voltage feedback amplifiers without overload power limit.
Table 8-1. Quiescent Current with Saturated Outputs
Device
Input Differential
Voltage
Quiescent Current
Increase in IQ
from steady-state
condition
OPAx863 with overload power limit
50 mV
1.1 mA
1.57x
Competitor amplifier without overload power limit
50 mV
1.96 mA
3.43x
www.ti.com
OPA863, OPA2863
SBOS982C – JUNE 2020 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: OPA863 OPA2863



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com