Electronic Components Datasheet Search
  English  ▼

X  

OPA2863 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2863
Description  OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output, Voltage-Feedback Amplifier
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2863 Datasheet(HTML) 24 Page - Texas Instruments

Back Button OPA2863 Datasheet HTML 20Page - Texas Instruments OPA2863 Datasheet HTML 21Page - Texas Instruments OPA2863 Datasheet HTML 22Page - Texas Instruments OPA2863 Datasheet HTML 23Page - Texas Instruments OPA2863 Datasheet HTML 24Page - Texas Instruments OPA2863 Datasheet HTML 25Page - Texas Instruments OPA2863 Datasheet HTML 26Page - Texas Instruments OPA2863 Datasheet HTML 27Page - Texas Instruments OPA2863 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
9.1.1 Amplifier Gain Configurations
The OPAx863 devices are classic voltage-feedback amplifiers with each channel having two high-impedance
inputs and a low-impedance output. Standard application circuits (as shown in Figure 9-1 and Figure 9-2)
include the noninverting and inverting gain configurations. The DC operating point for each configuration is
level-shifted by the reference voltage VREF that is typically set to midsupply in single-supply operation. VREF is
often connected to ground in split-supply applications.
+
±
VIN
RG
VREF
VREF
RF
VSIG
VREF
(1+RF/RG)VSIG
VOUT
VS+
VS-
Figure 9-1. Noninverting Amplifier
+
±
VIN
RG
VREF
VREF
RF
VSIG
VREF
-(RF/RG)VSIG
VOUT
VS+
VS-
Figure 9-2. Inverting Amplifier
Equation 1 shows the closed-loop gain of an amplifier in a noninverting configuration.
8
1 = 8+0
l1 +
4
(
4
) p
+ 8
4'(
Equation 1 shows the closed-loop gain of an amplifier in an inverting configuration.
8
1 = 8+0
lF
4
(
4
) p
+ 8
4'(
OPA863, OPA2863
SBOS982C – JUNE 2020 – REVISED APRIL 2021
www.ti.com
24
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA863 OPA2863



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com