Electronic Components Datasheet Search
  English  ▼

X  

MICRF610 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MICRF610
Description  868-870 MHz ISM Band Transceiver Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF610 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MICRF610 Datasheet HTML 1Page - Micrel Semiconductor MICRF610 Datasheet HTML 2Page - Micrel Semiconductor MICRF610 Datasheet HTML 3Page - Micrel Semiconductor MICRF610 Datasheet HTML 4Page - Micrel Semiconductor MICRF610 Datasheet HTML 5Page - Micrel Semiconductor MICRF610 Datasheet HTML 6Page - Micrel Semiconductor MICRF610 Datasheet HTML 7Page - Micrel Semiconductor MICRF610 Datasheet HTML 8Page - Micrel Semiconductor MICRF610 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Micrel, Inc.
MICRF610
December 2005
5
M9999-120205
Absolute Maximum Ratings
(1)
Supply Voltage (VDD)...................................................+2.8V
Voltage on any pin (GND = 0V). ..................... -0.3V to 2.8V
Lead Temperature (soldering, 5 sec.)......................+225°C
Storage Temperature (Ts) ............................-30°C to +85°C
ESD Rating
(3)..................................................................2kV
Operating Ratings
(2)
Supply voltage (VIN) ..................................+2.0V to +2.5V
RF Frequencies.................................868MHz to 870MHz
Data Rate (NRZ) ................................................ <15 kbps
Ambient Temperature (TA) .......................–20°C to +75°C
Electrical Characteristics
fRF = 868.3MHz, Data rate = 15.2kbps, VDD = 2.5V; TA = 25°C, bold values indicate –20°C< TA < +75°C, unless noted.
Parameter
Condition
Min
Typ
Max
Units
Power Supply
2.0
2.5
V
Power Down Current
0.3
µA
Standby Current
280
µA
VCO and PLL Section
Tunable with on-chip cap bank
16
MHz
Crystal Oscillator Frequency
Tuning range
-30
+40
ppm
Crystal Initial Tolerance
-10
+10
ppm
Crystal Temperature Tolerance
-10
+10
ppm
Rx 868.3MHz – Rx 868.95MHz
200
µs
Rx – Tx, same frequency, measured @
frequency offset < 10kHz
150
µs
Tx – Rx, same frequency, time to good
data
300
µs
Standby – Rx,
2.0
ms
Switch Time
Standby – Tx
2.0
ms
Crystal Oscillator Start-Up Time
XCO_tune=13
750
µs
Transmit Section
RLOAD = 50Ω, Pa2..0:111
8.5
dBm
Output Power
RLOAD = 50Ω, Pa2..0:001
-6
dBm
Over temperature range
1
dB
Output Power Tolerance
Over power supply range
3
dB
RLOAD = 50Ω, PA2_0: 111
26
mA
Tx Current Consumption
RLOAD = 50Ω, PA2_0: 001
14
mA
Tx Current Consumption Variation
RLOAD = 50Ω, PA2_0: 111
2.5
mA
Binary FSK Frequency Separation (5)
Limited by receiver BW
20
400
kHz
Data Rate
NRZ
0
15.2
kbps
Occupied bandwidth
868.95MHz, 15.2kbps,
β = 12
(
±85kHz), -36dBm (RBW=10kHz)
450
kHz
Harmonics 868
-30
dBm
Spurious Emission in Restricted
bands < 1GHz
-54
dBm
Spurious Emission < 1 GHz
-36
dBm
Spurious Emission > 1 GHz
ETSI EN 300-220
-30
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com