Electronic Components Datasheet Search
  English  ▼

X  

MICRF610 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MICRF610
Description  868-870 MHz ISM Band Transceiver Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF610 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MICRF610 Datasheet HTML 2Page - Micrel Semiconductor MICRF610 Datasheet HTML 3Page - Micrel Semiconductor MICRF610 Datasheet HTML 4Page - Micrel Semiconductor MICRF610 Datasheet HTML 5Page - Micrel Semiconductor MICRF610 Datasheet HTML 6Page - Micrel Semiconductor MICRF610 Datasheet HTML 7Page - Micrel Semiconductor MICRF610 Datasheet HTML 8Page - Micrel Semiconductor MICRF610 Datasheet HTML 9Page - Micrel Semiconductor MICRF610 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Micrel, Inc.
MICRF610
December 2005
6
M9999-120205
Parameter
Condition
Min
Typ
Max
Units
Receive Section
All functions on
13.5
mA
LNA bypass
11.2
mA
Rx Current Consumption
Switch cap filter bypass with LNA
11.2
mA
Rx Current Consumption Variation
Over temperature
3
mA
2.4 kbps,
β = 16, SC=50 kHz
-111
dBm
4.8 kbps,
β = 16, SC=50 kHz
-110
dBm
4.8 kbps,
β = 4, SC=31 kHz
-108
dBm
15.2 kbps,
β =8, SC=200 kHz
-107
dBm
Receiver Sensitivity, (BER < 10-3)
15.2 kbps,
β =2, SC=67 kHz
-105
dBm
Receiver Maximum Input Power
15.2 kbps,
β =12
-8
dBm
Over temperature
3
dB
Receiver Sensitivity Tolerance
Over power supply range
1
dB
Receiver Bandwidth
50
350
kHz
Co-Channel Rejection
15.2 kbps,
β = 8, SC=133 kHz
-6
dB
200 kHz spacing
TBD
500 kHz spacing
TBD
Adjacent Channel Rejection
1 MHz spacing
TBD
Offset ±1MHz
59
dB
Offset ±2MHz
62
dB
Offset ±5MHz
51
dB
Offset ±10MHz
56
dB
Blocking
Desired signal:
15.2 kbps,
β
=8, 3dB above
sens, SC=133
kHz
Offset ±30MHz
70
dB
1dB Compression
-35
dB
Input IP3
2 tones with 1MHz separation
-25
dBm
Input IP2
TBD
dBm
LO Leakage
-90
dBm
Spurious Emission < 1GHz
-57
dBm
Spurious Emission > 1GHz
ETSI EN 300-220
-47
dBm
Input Impedance
35+j0
Ω
RSSI Dynamic Range
50
dB
Pin = -100 dBm
1.3
V
RSSI Output Range
Pin = -60 dBm
2.3
V
Digital Inputs/Outputs
Logic Input High
0.7VDD
VDD
V
Logic Input Low
0
0.3VDD
V
Clock/Data Frequency(4)
10
MHz
Clock/Data Duty Cycle(4)
45
55
%
Notes
:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
4. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com