Electronic Components Datasheet Search
  English  ▼

X  

SII164 Datasheet(PDF) 13 Page - Silicon image

Part # SII164
Description  Transmitter uses PanelLink Digital technology
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICONIMAGE [Silicon image]
Direct Link  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

SII164 Datasheet(HTML) 13 Page - Silicon image

Back Button SII164 Datasheet HTML 9Page - Silicon image SII164 Datasheet HTML 10Page - Silicon image SII164 Datasheet HTML 11Page - Silicon image SII164 Datasheet HTML 12Page - Silicon image SII164 Datasheet HTML 13Page - Silicon image SII164 Datasheet HTML 14Page - Silicon image SII164 Datasheet HTML 15Page - Silicon image SII164 Datasheet HTML 16Page - Silicon image SII164 Datasheet HTML 17Page - Silicon image Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
SiI 164 PanelLink Transmitter
Data Sheet
9
SiI-DS-0021-C
Pin Descriptions (cont’d)
Configuration Pins
Pin Name Pin # Type Description
MSEN
11
Out
Monitor Sense. This pin is an open collector output. The behavior of this output depends on
whether I
2C interface active:
I
2C bus inactive (ISEL/RST# = LOW)
HIGH level indicates a powered on receiver is detected at the differential outputs.
A LOW level indicates a powered on receiver is not detected.
I
2C bus is enabled (ISEL/RST# = HIGH)
The output is programmable through the I
2C interface (see I2C Register Definitions).
An external 5K pull-up resistor to VDDQ is required on this pin.
ISEL/RST#
13
In
I
2C Interface Select.
ISEL/RST#=HIGH,
I
2C interface is active.
ISEL/RST#=LOW,
I
2C is inactive and the chip configuration is read from the configuration strapping pins. This pin
also acts as an asynchronous reset to the I
2C interface controller. The reset is active when this
input is held LOW.
Note: When the I
2C interface is active, DKEN must be set HIGH.
BSEL/SCL
15
In
Input bus select / I
2C clock. This pin is an open collector input. If I2C bus is enabled
(ISEL/RST# = HIGH), then this pin is the I
2C clock input. If the I2C is disabled (ISEL/RST# =
LOW), then this pin selects the input bus width.
Input Bus Select:
HIGH selects 24-bit input mode
LOW selects 12-bit input mode
DSEL/SDA
14
In/Out Dual edge clock select / I
2C Data. This pin is an open collector input/output. If I2C bus is
enabled (ISEL/RST# = HIGH), then this pin is the I
2C data line. If the I2C bus is disabled
(ISEL/RST# = LOW), then this pin selects whether single clock dual edge is used.
Dual Edge clock select:
When HIGH, IDCK+ latches input data on both falling and rising clock edges.
When LOW, IDCK+/IDCK- latches input data on only falling or rising clock edges.
In 24-/12-bit mode:
If HIGH (dual edge), IDCK+ is used to latch data on both falling and rising edges.
If LOW (single edge), IDCK+ latches 1
st half data and IDCK- latches 2nd half data.
EDGE/
HTPLG
9
In
Edge select / Hot Plug input. If the I
2C bus is enabled (ISEL/RST# = HIGH), then this pin is
used to monitor the “Hot Plug” detect signal (Please refer to the DVI
TM or VESA® P&DTM and
DFP standards). This Input is ONLY 3.3V tolerant and has no internal de-bouncer circuit.
If I
2C bus is disabled (ISEL/RST# = LOW), then this pin selects the clock edge that will latch
the data. How the EDGE setting works depends on whether dual or single edge latching is
selected:
Dual Edge Mode (DSEL = HIGH)
EDGE = LOW, the primary edge (first latch edge after DE is asserted) is the falling edge.
EDGE = HIGH, the primary edge (first latch edge after DE is asserted) is the rising edge.
Note: In 24-bit Single Clock Dual Edge mode, EDGE is ignored.
Single Edge Mode (DSEL = LOW)
EDGE = LOW, the falling edge of the clock is used to latch data.
EDGE = HIGH, the rising edge of the clock is used to latch data.
DKEN
35
In
De-skewing enable.
I
2C mode (ISEL/RST# = HIGH)
DKEN pin must be set to HIGH. DK[3:1] pins are ignored and the De-skewing increments are
selected through the I
2C interface (see the I2C register definitions).
Non I
2C mode (ISEL/RST# = LOW)
DKEN = LOW, then default De-skewing setting is used.
DKEN = HIGH, then DK[3:1] is used as the De-skewing setting. The De-skewing increments
are TSTEP. Please see Data De-skew Feature for an illustration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com