Electronic Components Datasheet Search
  English  ▼

X  

SII164 Datasheet(PDF) 21 Page - Silicon image

Part # SII164
Description  Transmitter uses PanelLink Digital technology
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICONIMAGE [Silicon image]
Direct Link  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

SII164 Datasheet(HTML) 21 Page - Silicon image

Back Button SII164 Datasheet HTML 17Page - Silicon image SII164 Datasheet HTML 18Page - Silicon image SII164 Datasheet HTML 19Page - Silicon image SII164 Datasheet HTML 20Page - Silicon image SII164 Datasheet HTML 21Page - Silicon image SII164 Datasheet HTML 22Page - Silicon image SII164 Datasheet HTML 23Page - Silicon image SII164 Datasheet HTML 24Page - Silicon image SII164 Datasheet HTML 25Page - Silicon image Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
SiI 164 PanelLink Transmitter
Data Sheet
17
SiI-DS-0021-C
I
2C Programming Sequence
To program the SiI 164 in data latched on 12 bit mode Dual Edge Clock with Primary Edge as the rising edge, De-
skew enabled without Hotplug and the following sample programming sequence listed in Table 1 may be used. It is
important to note that the suggested I
2C address for SiI 164 be set to x70h by tying A1, A2 and A3 to ground.
Table 1. Sample Programming Sequence for SiI 164
Register(Hex)
Value(Hex)
Description
0x08
31
Enable HEN, VEN, 1
st data latched on
rising edge with PD low until all
registers are programmed.
0x09
00
MSEN disabled.
0x0A
90
De-skew enabled with default 100
value. CTL is not used.
0x0C
89
SCNT, PLL Filter Enable and PLL
Bandwidth Filter set to default.
0x08
33
Set PD to High after the registers above
have been programmed.
Enabling Hot Plug Detection Mode
As documented in the VESA Digital Flat Panel Standard, all monitors are required to support Hot Plug Detection
but support is optional for the host. The SiI 164 supports the Hot Plug Detect feature. In I
2C mode, pin 9 functions
as HTPLG input. It should be noted that the HTPLG pin on the SiI 164 is only 3.3V tolerant therefore HTPLG
voltage level from the DVI connector should be level shifted or clamped at 3.3V.
When the voltage level at the HTPLG pin is 3.3V, the HTPLG bit will be set to 1. To output the HTPLG bit via the
MSEN pin, register MSEL[2:0] should be programmed to 011.
The SiI 164 can also be programmed to enable the Hot Plug Detection Mode via the Receiver Sense function. In
this mode, HTPLG pin is not required. By programming MSEL[2:0] to 010, SiI 164 will output the RSEN=1 bit
though the MSEN pin when the SiI 164 is connected to a powered receiver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com