Electronic Components Datasheet Search
  English  ▼

X  

18KBXH Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # 18KBXH
Description  Rack-mounted DCS Signal Conditioners 18K-RACK
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

18KBXH Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  18KBXH Datasheet HTML 1Page - M-System Co.,Ltd. 18KBXH Datasheet HTML 2Page - M-System Co.,Ltd. 18KBXH Datasheet HTML 3Page - M-System Co.,Ltd. 18KBXH Datasheet HTML 4Page - M-System Co.,Ltd. 18KBXH Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MODEL: 18KBXH
http://www.m-system.co.jp/
18KBXH SPECIFICATIONS
ES-0493 Rev.1 Page 3/5
DIMENSIONS unit: mm (inch)
1
3
2
7
6
8
2
1
3
4
5
6
7
8
243 (9.57)
RACK MOUNTING, STANDARD (Option: blank)
SURFACE MOUNTING (Option: /W)
273 (10.75)
288 (11.34)
CN2
CONNECTOR
CN1
1
3
5
7
2
4
6
8
3-M4 POWER TERMINAL
8.2 (.32)
32-M3.5 FIELD TERMINAL *
* Field I/O Terminal Block
1
2
1
2
1
2
3
4
3
4
3
4
1ch
7ch
8ch
+
+
I/O CONNECTOR PIN ASSIGNMENT
FUJITSU FCN TYPE I/O CONNECTOR
Connector Pin Assignment
I/O Connector: Fujitsu FCN-365P40-AU
CN1: Output 1 or input
CN2: Output 2
PIN NO.
ASSIGNMENT
PIN NO.
ASSIGNMENT
A1
B1
A2
B2
A3
B3
A4
B4
A5
B5
A6
B6
A7
B7
A8
B8
A9 - A20, B9 - B20 are not in use
Pin assignment is common to both CN1 and CN2
ch.1 +
ch.2 +
ch.3 +
ch.4 +
ch.5 +
ch.6 +
ch.7 +
ch.8 +
ch.1 −
ch.2 −
ch.3 −
ch.4 −
ch.5 −
ch.6 −
ch.7 −
ch.8 −
FOR TOSHIBA SAMP1 CARD USE
Location
Output Connector: Hirose Electric HIF3BA-40PA-2.54DS (11)
CN1: For SAMP1
CN2: For SAMP1 (for redundancy)
18K-RACK Location No.
1
2
3
4
5
6
7
8
CN1, CN2
1
2
3
4
5
6
7
8
SAMP1 Input No.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com