Electronic Components Datasheet Search
  English  ▼

X  

18KBXH Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 18KBXH
Description  Rack-mounted DCS Signal Conditioners 18K-RACK
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

18KBXH Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  18KBXH Datasheet HTML 1Page - M-System Co.,Ltd. 18KBXH Datasheet HTML 2Page - M-System Co.,Ltd. 18KBXH Datasheet HTML 3Page - M-System Co.,Ltd. 18KBXH Datasheet HTML 4Page - M-System Co.,Ltd. 18KBXH Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: 18KBXH
http://www.m-system.co.jp/
18KBXH SPECIFICATIONS
ES-0493 Rev.1 Page 1/5
Rack-mounted DCS Signal Conditioners 18K-RACK
STANDARD RACK
Functions & Features
• Housing for storage of Rack-mounted DCS Signal
Conditioners 18K-RACK
• Integrated rack and field terminals allow for signal
conditioners to be removed without touching the terminal
screws, making field wiring insulation tests possible
• Signal conditioner power via the rear rack bus for all 8
modules
• Connectors are available for direct connection to DCS
units of various manufacturers
• Mounting bracket position selectable
MODEL: 18KBXH–[1][2]
ORDERING INFORMATION
• Code number: 18KBXH-[1][2]
Specify a code from below for each [1] and [2].
(e.g. 18KBXH-E1/W)
[1] CONNECTOR
0: None
U1: Fujitsu FCN type I/O connector
E1: For Toshiba DCS SAMP1 card use
E3: For Toshiba DCS SAIN1, SAI06 and SAO06 card use
(Panasonic AXM220011 used)
(DISCONTINUED; replace with code "E3A".)
E3A: Toshiba DCS SAIN1, SAI06, SA006 card supported
(Omron XG4A-2034 used)
E4: For Toshiba DCS SAIN1 card use
M-System guarantees the connecting section.
[2] OPTIONS
Mounting Bracket
blank: Rack mounting, standard
/W: Surface mounting
RELATED PRODUCTS
• Blank filler plate (model: P-181)
• Connector terminal block (model: CNT)
• Special cable with 40-pin connector (model: FCN)
GENERAL SPECIFICATIONS
Construction: Metal plates assembly
Coating: Colored Zn-Cr
Capacity: 8 positions
Connection
Power input: M4 screw terminals (torque 0.8 N·m)
Field terminal: M3.5 screw terminals (torque 0.8 N·m)
Screw terminal
Power: Nickel-plated brass
Field terminal: Nickel-plated steel
Isolation: I/O connector to field terminal to power to FG
INSTALLATION
Power supply: Operational voltage range: 24 V DC ±10%
Ripple 10 % p-p max. @ ≥ 1.3 A
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Rack or Surface
Weight: 1.8 kg (4.0 lb)
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 500 V AC @ 1 minute
(I/O connector to field terminal to power)
1000 V AC @ 1 minute (I/O connector or field terminal or
power to FG)


Similar Part No. - 18KBXH

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
18KBXC MSYSTEM-18KBXC Datasheet
205Kb / 6P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KBXC-0 MSYSTEM-18KBXC-0 Datasheet
205Kb / 6P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KBXC-0/W MSYSTEM-18KBXC-0/W Datasheet
205Kb / 6P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KBXC-E4 MSYSTEM-18KBXC-E4 Datasheet
205Kb / 6P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KBXC-E4/W MSYSTEM-18KBXC-E4/W Datasheet
205Kb / 6P
Rack-mounted DCS Signal Conditioners 18K-RACK
More results

Similar Description - 18KBXH

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
18KBXCA MSYSTEM-18KBXCA Datasheet
154Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KDY MSYSTEM-18KDY Datasheet
115Kb / 3P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KDYH2 MSYSTEM-18KDYH2 Datasheet
133Kb / 5P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KJDL MSYSTEM-18KJDL Datasheet
144Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KJR MSYSTEM-18KJR Datasheet
108Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KJT MSYSTEM-18KJT Datasheet
99Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KTS MSYSTEM-18KTS Datasheet
101Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KYCH MSYSTEM-18KYCH Datasheet
108Kb / 3P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KYS MSYSTEM-18KYS Datasheet
105Kb / 3P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KYV MSYSTEM-18KYV Datasheet
93Kb / 3P
Rack-mounted DCS Signal Conditioners 18K-RACK
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com