Electronic Components Datasheet Search
  English  ▼

X  

NB6L16DR2 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NB6L16DR2
Description  2.5V / 3.3V Multilevel Input to Differential LVPECL/LVNECL Clock or Data Receiver/Driver/Translator Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB6L16DR2 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NB6L16DR2 Datasheet HTML 4Page - ON Semiconductor NB6L16DR2 Datasheet HTML 5Page - ON Semiconductor NB6L16DR2 Datasheet HTML 6Page - ON Semiconductor NB6L16DR2 Datasheet HTML 7Page - ON Semiconductor NB6L16DR2 Datasheet HTML 8Page - ON Semiconductor NB6L16DR2 Datasheet HTML 9Page - ON Semiconductor NB6L16DR2 Datasheet HTML 10Page - ON Semiconductor NB6L16DR2 Datasheet HTML 11Page - ON Semiconductor NB6L16DR2 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
NB6L16
http://onsemi.com
9
Figure 9. AC Reference Measurement
D
D
Q
Q
tPHL
tPLH
VINPP(D) = VIH(D) − VIL(D)
VINPP(D) = VIH(D) − VIL(D)
VOUTPP(Q) = VOH(Q) − VOL(Q)
VOUTPP(Q) = VOH(Q) − VOL(Q)
D
Vth
D
Vth
Figure 10. Differential Input Driven
Single−Ended
D
D
Figure 11. Differential Inputs Driven
Differentially
VIHmax
VILmax
VIHTYP
VthTYP
VILTYP
VIHmin
VILmin
VCC
Vthmax
Vthmin
GND
Vth
VIHDmax
VILDmax
VIHDmin
VILDmin
VIHDtyp
VILDtyp
VID = VIHD − VILD
VCMR
VCC
VCMmax
VCMmax
GND
Figure 12. Vth Diagram
Figure 13. VCMR Diagram
Figure 14. Typical Termination for Output Driver and Device Evaluation
(See Application Note AND8020/D − Termination of ECL Logic Devices.)
Driver
Device
Receiver
Device
QD
Q
D
Zo = 50 W
Zo = 50 W
50
W
50
W
VTT
VTT = VCC − 2.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com