Electronic Components Datasheet Search
  English  ▼

X  

HM9902A Datasheet(PDF) 7 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM9902A
Description  One Cell Lithium-ion/Polymer Battery Protection IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM9902A Datasheet(HTML) 7 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM9902A Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9902A Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9902A Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9902A Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9902A Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9902A Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9902A Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9902A Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9902A Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
HM9902A
to overdischarge current, the HM9902A
stop discharging by overdischarge current
detection. In this case the recovery of battery
voltage is so slow that if battery voltage
after overdischarge voltage detection delay
time is still lower than overdischarge
detection voltage, the HM9902A shifts to
power-down.
is fixed to VDD potential. When the voltage
between the gate and the source of the
charging control FET becomes equal to or
higher than the turn-on voltage by the
charger voltage, the charging control FET
is turned on to start charging. At this time,
the discharging control FET is off and the
charging current flows through the internal
parasitic diode in the discharging control
FET. If the battery voltage becomes equal
to or higher than the overdischarge release
voltage (VDU), the normal condition returns.
Note
(1)
Some battery providers do not recommend
charging of completely discharged batteries. Please
refer to battery providers before the selection of 0 V
battery charging function.
(2)
The 0V battery charging function has higher
priority than the abnormal charge current detection
function. Consequently, a product with the 0 V
battery charging function charges a battery and
abnormal charge current cannot be detected during
the battery voltage is low (at most 1.8 V or lower).
(3)
When a battery is connected to the IC for the
first time, the IC may not enter the normal condition
in which discharging is possible. In this case, set
the VM pin voltage equal to the GND voltage (short
the VM and GND pins or connect a charger) to
enter the normal condition.
Figure 4. Overcurrent delay time
0V Battery Charging Function
(1) (2) (3)
This function enables the charging of a
connected battery whose voltage is 0 V by
self-discharge. When a charger having 0 V
battery start charging charger voltage
(V0CHA) or higher is connected between B+
and B- pins, the charging control FET gate
- 7 -
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com