Electronic Components Datasheet Search
  English  ▼

X  

HM9902A Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM9902A
Description  One Cell Lithium-ion/Polymer Battery Protection IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM9902A Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM9902A Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9902A Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9902A Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9902A Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9902A Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9902A Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9902A Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9902A Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9902A Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
HM9902A
ELECTRICAL CHARACTERISTICS
Typicals and limits appearing in normal type apply for TA = 25oC, unless otherwise specified
- 3 -
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Detection Voltage
Overcharge Detection Voltage
VCU
4.225
4.25
4.275
V
Overcharge Release Voltage
VCL
4.075
4.10
4.125
V
Overdischarge Detection Voltage
VDL
2.85
2.9
2.95
V
Overdischarge Release Voltage
VDR
2.9
3.0
3.1
V
Charger Detection Voltage
VCHA
-0.07
-0.12
-0.2
V
Detection Current
Overdischarge Current1 Detection
IIOV1
VDD=3.5V
* By Design
7
10
13
A
Load Short-Circuiting
Detection
ISHORT
VDD=3.5V
30
40
50
A
Current Consumption
Current Consumption in Normal
Operation
IOPE
VDD=3.5V
VM =0V
6
9
μ A
Current Consumption in power
Down
IPDN
VDD=2.0V
VM pin floating
3
μ A
VM Internal Resistance
Internal Resistance between
VM and VDD
RVMD
VDD=3.5V
VM=1.0V
320
k
Ω
Internal Resistance between VM
and GND
RVMS
VDD=2.0V
VM=1.0V
100
k
Ω
FET on Resistance
Equivalent FET on Resistance
RDS(ON)
VDD=3.6V IVM =1.0A
20
m
Ω
Over Temperature Protection
Maximum Junction Temperature
125
°C
Storage Temperature
-55 to 150
°C
Lead Temperature ( Soldering, 10 sec)
300
°C
Power Dissipation at T=25°C
0.625
W
Package Thermal Resistance (Junction to Ambient) θJA
250
°C/W
Package Thermal Resistance (Junction to Case) θJC
130
°C/W
ESD
2000
V
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com