Electronic Components Datasheet Search
  English  ▼

X  

BOD002M Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BOD002M
Description  Photoelectric Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BOD002M Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BOD002M Datasheet HTML 1Page - Balluff Korea Ltd. BOD002M Datasheet HTML 2Page - Balluff Korea Ltd. BOD002M Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Photoelectric Sensors
BOD 24K-LPI07-S4
Order Code: BOD002M
Internet
www.balluff.com
eCl@ss 9.1: 27-27-08-01
Subject to change without notice: 270955
ETIM 6.0: EC001825
BOD002M_0.49_2021-04-01
1 / 3
1) Optical axis emitter, 2) Optical axis receiver, 3) rotatable 180°, 4) LED green, 5) Operating button, 6) OLED Display
Basic features
Application
Distance measurement
Approval/Conformity
CE
cULus
EAC
WEEE
Basic standard
IEC 60947-5-2
Principle of operation
Photoelectric sensor
Series
24K
Style
Square
Connection can be rotated
Display/Operation
Adjuster
Key (2x)
Display
Error - LED green, flashing
Teach-in - LED yellow/green,
flashing
LED green: Power
Object in range - LED yellow
Power indicator
yes
Setting
Switching output PNP/NPN
Normally open/Normally closed
Light-on/dark-on
Teaching switchpoints
Factory setting (Reset)
calibration mode
Working range
Electrical connection
Connection
Connector, M12x1-Male, 4-pin
Polarity reversal protected
yes
Short-circuit protection
yes


Similar Part No. - BOD002M

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BOD002L BALLUFF-BOD002L Datasheet
142Kb / 4P
Photoelectric Sensors
BOD002N BALLUFF-BOD002N Datasheet
132Kb / 3P
Photoelectric Sensors
BOD002R BALLUFF-BOD002R Datasheet
108Kb / 3P
BOD 6K-RAI02-S75
2025-03-27
BOD002T BALLUFF-BOD002T Datasheet
108Kb / 3P
BOD 6K-RAI02-02
2025-03-27
BOD002U BALLUFF-BOD002U Datasheet
106Kb / 3P
BOD 6K-RAI03-S75
2025-03-27
More results

Similar Description - BOD002M

ManufacturerPart #DatasheetDescription
logo
SICK AG
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
PHOTOELECTRIC SENSORS
WLG4S-3N1332 SICK-WLG4S-3N1332 Datasheet
3Mb / 8P
PHOTOELECTRIC SENSORS
WLG4S-3P3132 SICK-WLG4S-3P3132 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WLG4SC-3P2232A71 SICK-WLG4SC-3P2232A71 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WLG4SC-3P2232A91 SICK-WLG4SC-3P2232A91 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WLG4SC-3P3232B01 SICK-WLG4SC-3P3232B01 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WL9G-3N1132P06 SICK-WL9G-3N1132P06 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WL9G-3N1234S02 SICK-WL9G-3N1234S02 Datasheet
3Mb / 7P
PHOTOELECTRIC SENSORS
WL9G-3P2232 SICK-WL9G-3P2232 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WL12G-3O2431S47 SICK-WL12G-3O2431S47 Datasheet
4Mb / 9P
PHOTOELECTRIC SENSORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com