Electronic Components Datasheet Search
  English  ▼

X  

BOD002M Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BOD002M
Description  Photoelectric Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BOD002M Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BOD002M Datasheet HTML 1Page - Balluff Korea Ltd. BOD002M Datasheet HTML 2Page - Balluff Korea Ltd. BOD002M Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Photoelectric Sensors
BOD 24K-LPI07-S4
Order Code: BOD002M
Internet
www.balluff.com
eCl@ss 9.1: 27-27-08-01
Subject to change without notice: 270955
ETIM 6.0: EC001825
BOD002M_0.49_2021-04-01
2 / 3
Electrical data
Load resistance RL max. (Analog I)
500 ohms
Load resistance RL min. (Analog V)
2 kOhm
No-load current Io max. at Ue
50 mA
Operating voltage Ub
18...30 VDC
Protection class
II
Rated operating current Ie
100 mA
Rated operating voltage Ue DC
24 V
Ready delay tv max.
300 ms
Ripple max. (% of Ue)
15 %
Switching frequency
500 Hz
Turn-off delay toff max.
5 ms
Turn-on delay ton max.
5 ms
Environmental conditions
Ambient temperature
-20...50 °C
IP rating
IP67
Functional safety
MTTF (40 °C)
37 a
Material
Housing material
Plastic
Material sensing surface
Glass
Mechanical data
Dimension
50 x 21 x 50 mm
Mounting part
Screw M4
Optical features
Ambient light max.
5000 Lux
Beam characteristic
Divergent
Laser class per IEC 60825-1
1
Light spot size
1 x 1 mm at 100 mm
Light type
Laser red light
Principle of optical operation
Triangulation
Pulse duration t max.
22 ns
Pulse power Pp max.
1.2 mW
Switching function, optical
Light/dark switching
Wave length
650 nm
Output/Interface
Analog output
Analog, voltage/analog, current
selectable 4…20 mA 0…10 V
Interface
IO-Link 1.1
Switching output
2x PNP/NPN NO/NC push-pull
Range/Distance
Accuracy
±0.5 %
Range
50...100 mm
Repeat accuracy
± 50 µm
Reproducibility
0.05 mm
Resolution
≤ 10 µm
Remarks
For additional information, refer to user's guide.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with
no warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com