Electronic Components Datasheet Search
  English  ▼

X  

SMBJ Datasheet(PDF) 3 Page - WeEn Semiconductors

Part # SMBJ
Description  600W Transient Voltage Suppressor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEEN [WeEn Semiconductors]
Direct Link  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

SMBJ Datasheet(HTML) 3 Page - WeEn Semiconductors

  SMBJ Datasheet HTML 1Page - WeEn Semiconductors SMBJ Datasheet HTML 2Page - WeEn Semiconductors SMBJ Datasheet HTML 3Page - WeEn Semiconductors SMBJ Datasheet HTML 4Page - WeEn Semiconductors SMBJ Datasheet HTML 5Page - WeEn Semiconductors SMBJ Datasheet HTML 6Page - WeEn Semiconductors SMBJ Datasheet HTML 7Page - WeEn Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
WeEn Semiconductors
SMBJ series
600W Transient Voltage Suppressor
SMBJ series
Product data sheet
All information provided in this document is subject to legal disclaimers.
© WeEn Semiconductors Co., Ltd. 2021. All rights reserved
08 February 2021
3 / 7
Vc VBR VR
IR
IT
Ipp
V
Uni-directional
VF
Vc VBR VR
IR
IT
Ipp
V
Vc
VBR
VR
Ipp
IR
IT
Bi-directional
01
2
3
100
50
0
Peak Value I
PP
Half Value I
PP/2
10 x 1000 Waveform
as defined be R.E.A
t
p
t
r = 10
s
I
PP
(%)
t
p (ms)
10
1.0
100
0.1
t
p (s)
0.1
10000
1000
1.0
100
10
P
PPM
(kW)
T
j = 25°C
Non-repetitive pulse waveform
shown in pulse waveform graph
110102
0
20
40
60
80
100
120
number of cycles (n)
I
FSM
(A)
Pulse width 8.3ms
single half sine-wave
Fig. 4. Pulse waveform
Fig. 3. Peak pulse power derating curve
Fig. 1. I-V curve characteristics; Uni-directional
Fig. 2. I-V curve characteristics; Bi-directional
Fig. 5. Peak pulse power rating curve
Fig. 6. Maximum non-repetitive surge current



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com